Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25ETS08STRRPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 25ETS08STRRPBF
Description  Input Rectifier Diode, 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25ETS08STRRPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  25ETS08STRRPBF Datasheet HTML 1Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 2Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 3Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 4Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 5Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 6Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94342
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 09-Apr-10
1
Input Rectifier Diode, 25 A
VS-25ETS..SPbF High Voltage Series
Vishay High Power Products
DESCRIPTION/FEATURES
The VS-25ETS..SPbF rectifier High Voltage Series
has
been
optimized
for
very
low
forward
voltage drop, with moderate leakage. The glass
passivation
technology
used
has
reliable
operation up to 150 °C junction temperature.
Typical applications are in input rectification and
these products are designed to be used with
Vishay HPP switches and output rectifiers which
are available in identical package outlines.
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant to RoHS directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
• Designed and qualified for industrial level
PRODUCT SUMMARY
VF at 10 A
< 1 V
IFSM
300 A
VRRM
800 V to 1200 V
3
Anode
1
Anode
Base
cathode
2
D2PAK
OUTPUT CURRENT IN TYPICAL APPLICATIONS
APPLICATIONS
SINGLE-PHASE BRIDGE
THREE-PHASE BRIDGE
UNITS
Capacitive input filter TA = 55 °C, TJ = 125 °C
common heatsink of 1 °C/W
20
23
A
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
25
A
VRRM
800 to 1200
V
IFSM
300
A
VF
10 A, TJ = 25 °C
1.0
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM AT 150 °C
mA
VS-25ETS08SPbF
800
900
1
VS-25ETS10SPbF
1000
1100
VS-25ETS12SPbF
1200
1300
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 106 °C, 180° conduction half sine wave
25
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
250
10 ms sine pulse, no voltage reapplied
300
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
316
A2s
10 ms sine pulse, no voltage reapplied
442
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
4420
A2
√s


Similar Part No. - 25ETS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25ETS08STRR IRF-25ETS08STRR Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results

Similar Description - 25ETS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25ETS12SLHM3 VISHAY-VS-25ETS12SLHM3_V01 Datasheet
149Kb / 7P
   High Voltage Surface Mount Input Rectifier Diode, 25 A
01-Jan-2022
VS-25ETS12S2LHM3 VISHAY-VS-25ETS12S2LHM3 Datasheet
181Kb / 7P
   High Voltage Surface-Mount Input Rectifier Diode, 25 A
Revision: 02-Mar-2021
VS-25ETS08S-M3 VISHAY-VS-25ETS08S-M3_V01 Datasheet
172Kb / 7P
   High Voltage Surface Mount Input Rectifier Diode, 25 A
01-Jan-2022
VS-25ETSSPBF VISHAY-VS-25ETSSPBF Datasheet
129Kb / 7P
   High Voltage Surface Mount Input Rectifier Diode, 25 A
08-Feb-17
10ETS08SPBF VISHAY-10ETS08SPBF Datasheet
168Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 08-Apr-10
40EPS08PBF VISHAY-40EPS08PBF Datasheet
154Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 06-Jun-08
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
40EPS16PBF VISHAY-40EPS16PBF Datasheet
143Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 23-Apr-08
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com