Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30BQ100PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30BQ100PBF
Description  Schottky Rectifier, 3 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30BQ100PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  30BQ100PBF Datasheet HTML 1Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 2Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 3Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 4Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 5Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 6Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94181
2
Revision: 04-Mar-10
VS-30BQ100PbF
Vishay High Power Products Schottky Rectifier, 3 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Notes
(1)
thermal runaway condition for a diode on its own heatsink
(2) Mounted 1" square PCB
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
3 A
TJ = 25 °C
0.79
V
6 A
0.90
3 A
TJ = 125 °C
0.62
6 A
0.70
Maximum reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
0.5
mA
TJ = 125 °C
5.0
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
115
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
3.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ (1), TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to lead
RthJL (2)
DC operation
12
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
46
Approximate weight
0.24
g
0.008
oz.
Marking device
Case style SMC (similar to DO-214AB)
V3J
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Similar Part No. - 30BQ100PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30BQ100PBF IRF-30BQ100PBF Datasheet
122Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 3 A
Revision: 16-Apr-08
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
More results

Similar Description - 30BQ100PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 3 A
Revision: 16-Apr-08
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
15MQ040NPBF VISHAY-15MQ040NPBF Datasheet
99Kb / 5P
   Schottky Rectifier, 3 A
Revision: 11-Jun-08
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com