Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B24-1B10-CKP Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # B24-1B10-CKP
Description  External Cage Float Actuated Liquid Level Switches
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B24-1B10-CKP Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  B24-1B10-CKP Datasheet HTML 1Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 2Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 3Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 4Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 5Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 6Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 7Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 8Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
46-630 Boiler External Cage Liquid Level Switches
Optional blow-down
or drain valve
Shutoff valve
(if used)
Conduit
outlet
Switch actuating
level reference mark
Optional liquid leg
connection to vessel
Shutoff valve
(if used)
Figure 1
Typical Piping Arrangement
1.0
Installation
Caution: If equipment is used in a manner not specified by
manufacturer, protection provided by equipment may be
impaired.
1.1
Unpacking
Unpack the instrument carefully. Inspect all units for
damage. Report any concealed damage to carrier within
24 hours. Check the contents against the packing slip and
purchase order. Check and record the serial number for
future reference when ordering parts.
Caution: Do not discard the shipping container until all parts are
accounted for.
1.2
Critical alarm function
NOTE: Confirm that the installed unit meets the criteria of the intend-
ed application. The most critical parameters are the pressure,
temperature, and specific gravity. If there is a question or con-
flict between actual parameters and the Magnetrol switch
nameplate, contact Magnetrol for information on the level
control (please have the serial number available).
It is recommended that for critical alarm functions, an
additional level switch be installed as a high–high or
low–low level alarm for maximum protection.
1.3
Piping
An instruction tag secured to the control gives dimensional
data on switch actuating levels referenced from center line
of upper side tank connection. Position control so that
actuating levels correspond with the desired liquid level
trip points in the boiler.
Caution: Refer to boiler manufacturer’s specifications regarding
control levels for piping alignment requirements.
Use pipe of sufficient strength to support the control. If
necessary, provide a stand or hanger to help support its
weight. All piping should be straight and free of “low
spots” or “pockets” so that lower liquid line will drain
towards the boiler and upper vapor line will drain toward
the control.
Shut-off valves are recommended for installation between
the boiler and the control. Refer to Figure 1. If control is
to be used with a low temperature liquid (one which will
“boil” in the float chamber if outside heat is absorbed),


Similar Part No. - B24-1B10-CKP

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B24-1B10-KOG MAGNETROL-B24-1B10-KOG Datasheet
256Kb / 8P
   C24, C25, Boiler and Water Column Liquid Level Switches
More results

Similar Description - B24-1B10-CKP

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
B74-1B20-BKQ MAGNETROL-B74-1B20-BKQ Datasheet
418Kb / 16P
   External Cage Displacer Actuated Liquid Level Switches
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
B73-1B20-BKQ MAGNETROL-B73-1B20-BKQ Datasheet
509Kb / 28P
   Sealed External Cage Liquid Level Switches
B73-1B2D-BKQ MAGNETROL-B73-1B2D-BKQ Datasheet
271Kb / 12P
   B73 & Series 75 Sealed External Cage Liquid Level Switches
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Fuji Electric
EDS7-3I FUJI-EDS7-3I Datasheet
103Kb / 4P
   LIQUID LEVEL TRANSMITTER (FLOAT TYPE)
logo
Magnetrol International...
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com