Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24-1B10-JEG Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # W24-1B10-JEG
Description  External Cage Float Actuated Liquid Level Switches
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

W24-1B10-JEG Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button W24-1B10-JEG Datasheet HTML 4Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 5Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 6Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 7Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 8Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 9Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 10Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 11Page - Magnetrol International, Inc. W24-1B10-JEG Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
46-630 Boiler External Cage Liquid Level Switches
2.3
Operating Cycle
As the liquid level rises in the chamber the float moves the
magnetic attraction sleeve up, within the enclosing tube
and into the field of the switch mechanism magnet. As a
result, the magnet is drawn in tightly to the enclosing
tube, causing the switch to trip making or breaking an
electrical circuit. Refer to Figure 5.
As the liquid level falls, the float drops and moves the
attraction sleeve out of the magnetic field, releasing the
switch mechanism magnet. The tension spring ensures the
return of the switch in a snap action. Refer to Figure 6.
2.4
Switch Differential Adjustment
The standard differential of Boiler Control float models
with one switch (except models B24 and C24) may be
field adjusted. Adjustment may be necessary if a wider
differential needs to be set to overcome switch chatter
caused by the process.
NOTE: This procedure may be applied to single switch models only.
The differential, or the amount of level travel between
switch-on and switch-off, may be adjusted by repositioning
the lower jam nuts on the float stem. This adjustment is
different for high level and low level controls. Please refer
to the appropriate section below for adjustment instruc-
tions.
NOTE: Maximum differential adjustment is 1 inch.
Caution: Differential adjustments should NOT be made in the field
on tandem float models. Switch actuation levels have
been set at the factory to meet customer specifications.
Variations in actual conditions from design conditions,
usually require special control modifications. Consult the
factory or your local representative for assistance.
Pivot
Tension
spring
Magnet
Swingin
position
Enclosingtube
(non-magnetic)
Sleeve
(magnetic)
Float
Normal
operatinglevel
Figure 5
“Swing In” Magnet Position
Swingout
position
Lowlevel
Figure 6
“Swing Out” Magnet Position


Similar Part No. - W24-1B10-JEG

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
W24-3K3FI TTELEC-W24-3K3FI Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
W24-3K3FI WELWYN-W24-3K3FI Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
TT Electronics.
W24-3K3FPB TTELEC-W24-3K3FPB Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
W24-3K3FPB WELWYN-W24-3K3FPB Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
TT Electronics.
W24-3K3GI TTELEC-W24-3K3GI Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
More results

Similar Description - W24-1B10-JEG

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
B74-1B20-BKQ MAGNETROL-B74-1B20-BKQ Datasheet
418Kb / 16P
   External Cage Displacer Actuated Liquid Level Switches
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
B73-1B20-BKQ MAGNETROL-B73-1B20-BKQ Datasheet
509Kb / 28P
   Sealed External Cage Liquid Level Switches
B73-1B2D-BKQ MAGNETROL-B73-1B2D-BKQ Datasheet
271Kb / 12P
   B73 & Series 75 Sealed External Cage Liquid Level Switches
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Fuji Electric
EDS7-3I FUJI-EDS7-3I Datasheet
103Kb / 4P
   LIQUID LEVEL TRANSMITTER (FLOAT TYPE)
logo
Magnetrol International...
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com