Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6666 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6666
Description  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6666 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6666 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6666 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2N6666
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -0.2A, IB= 0
B
-40
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -3A ,IB= -6mA
-2.0
V
VCE(sat)-2
Collector-Emitter Saturation voltage
IC= -8A ,IB= -80mA
-3.0
V
VBE(on)-1
Base-Emitter On Voltage
IC= -3.0A ; VCE= -3V
-2.8
V
VBE(on)-2
Base-Emitter On Voltage
IC= -8.0A ; VCE= -3V
-4.5
V
ICEX
Collector Cutoff Current
VCEV= 40V;VBE(off)=1.5V
VCEV= 40V;VBE(off)=1.5V;TC=125℃
0.3
3.0
mA
ICEO
Collector Cutoff Current
VCE= -40V, IB= 0
1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
5
mA
hFE-1
DC Current Gain
IC= -3.0A ; VCE= -3V
1000
hFE-2
DC Current Gain
IC= -8.0A ; VCE= -3V
100
COB
Output Capacitance
IE= 0; VCB= -10V,ftest= 1MHz
200
pF
isc Website:www.iscsemi.cn


Similar Part No. - 2N6666

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
   POWER TRANSISTORS(65W)
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Central Semiconductor C...
2N6666 CENTRAL-2N6666 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N6666

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com