Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTQ060PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 30CTQ060PBF
Description  Schottky Rectifier, 2 x 15 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTQ060PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  30CTQ060PBF Datasheet HTML 1Page - Vishay Siliconix 30CTQ060PBF Datasheet HTML 2Page - Vishay Siliconix 30CTQ060PBF Datasheet HTML 3Page - Vishay Siliconix 30CTQ060PBF Datasheet HTML 4Page - Vishay Siliconix 30CTQ060PBF Datasheet HTML 5Page - Vishay Siliconix 30CTQ060PBF Datasheet HTML 6Page - Vishay Siliconix 30CTQ060PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94189
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
5
30CTQ...PbF Series
Schottky Rectifier, 2 x 15 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (30 = 30 A)
2
-
Circuit configuration:
C = Common cathode
3
-
Package
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
6
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
050 = 50 V
060 = 60 V
Device code
5
13
24
6
30
C
T
Q
060 PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95222
Part marking information
http://www.vishay.com/doc?95225


Similar Part No. - 30CTQ060PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTQ060 IRF-30CTQ060 Datasheet
283Kb / 8P
   SCHOTTKY RECTIFIER
30CTQ060 IRF-30CTQ060 Datasheet
136Kb / 7P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
30CTQ060 ISC-30CTQ060 Datasheet
350Kb / 2P
   Schottky Rectifier
logo
International Rectifier
30CTQ060-1 IRF-30CTQ060-1 Datasheet
283Kb / 8P
   SCHOTTKY RECTIFIER
30CTQ060-1 IRF-30CTQ060-1 Datasheet
136Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 30CTQ060PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com