Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30EPF12PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30EPF12PBF
Description  Fast Soft Recovery Rectifier Diode, 30 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30EPF12PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  30EPF12PBF Datasheet HTML 1Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 2Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 3Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 4Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 5Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 6Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 7Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 8Page - Vishay Siliconix 30EPF12PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94101
2
Revision: 09-Dec-09
30EPF..PbF, 30CPF..PbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 30 A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
30 A, TJ = 25 °C
1.41
V
Forward slope resistance
rt
TJ = 150 °C
10.09
m
Ω
Threshold voltage
VF(TO)
0.992
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
6
RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Reverse recovery time
trr
IF at 30 Apk
25 A/µs
25 °C
450
ns
Reverse recovery current
Irr
6.1
A
Reverse recovery charge
Qrr
2.16
µC
Snap factor
S
Typical
0.6
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t
t
a
t
b
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.8
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
40
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.2
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-247AC modified (JEDEC)
30EPF10
30EPF12
Case style TO-247AC
30CPF10
30CPF12


Similar Part No. - 30EPF12PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPF12PBF IRF-30EPF12PBF Datasheet
204Kb / 9P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
30EPF12PbF VISHAY-30EPF12PbF Datasheet
293Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
More results

Similar Description - 30EPF12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30PF0-M3 VISHAY-VS-30PF0-M3 Datasheet
258Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
01-Jan-2022
30EPFPBF VISHAY-30EPFPBF Datasheet
293Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
VS-30.PF0.PBF VISHAY-VS-30.PF0.PBF Datasheet
310Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 11-Feb-16
30EPF10PBF VISHAY-30EPF10PBF_13 Datasheet
200Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
VS-30PF1-M3 VISHAY-VS-30PF1-M3 Datasheet
263Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
01-Jan-2022
30EPF02PBF VISHAY-30EPF02PBF Datasheet
262Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
30EPF VISHAY-30EPF Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 12-Jun-08
VS-30.PF1.PBF VISHAY-VS-30.PF1.PBF Datasheet
272Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 11-Feb-16
30EPF02PBF VISHAY-30EPF02PBF_13 Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com