Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTQ040-1TRRPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 30CTQ040-1TRRPBF
Description  Schottky Rectifier, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTQ040-1TRRPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  30CTQ040-1TRRPBF Datasheet HTML 1Page - Vishay Siliconix 30CTQ040-1TRRPBF Datasheet HTML 2Page - Vishay Siliconix 30CTQ040-1TRRPBF Datasheet HTML 3Page - Vishay Siliconix 30CTQ040-1TRRPBF Datasheet HTML 4Page - Vishay Siliconix 30CTQ040-1TRRPBF Datasheet HTML 5Page - Vishay Siliconix 30CTQ040-1TRRPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94188
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 12-Mar-10
5
VS-30CTQ...SPbF, VS-30CTQ...-1PbF Series
Schottky Rectifier, 2 x 15 A Vishay High Power Products
ORDERING INFORMATION TABLE
035 = 35 V
040 = 40 V
045 = 45 V
2
-
Current rating (30 A)
3
-
Circuit configuration: C = Common cathode
4
-
T = TO-220
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
S = D2PAK
-1 = TO-262
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
-
PbF = Lead (Pb)-free
9
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
VS-
30
C
T
Q
045
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032


Similar Part No. - 30CTQ040-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTQ040-1TRRPBF VISHAY-30CTQ040-1TRRPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
More results

Similar Description - 30CTQ040-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com