Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30ETH06SPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 30ETH06SPBF
Description  Hyperfast Rectifier, 30 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06SPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  30ETH06SPBF_10 Datasheet HTML 1Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 2Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 3Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 4Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 5Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 6Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 7Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 8Page - Vishay Siliconix 30ETH06SPBF_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95014
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 31-Mar-09
Outline Dimensions
Vishay High Power Products
D2PAK, TO-262
DIMENSIONS FOR TO-262 in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - 30ETH06SPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06SPBF IRF-30ETH06SPBF Datasheet
288Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30ETH06SPBF VISHAY-30ETH06SPBF Datasheet
124Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 26-May-08
More results

Similar Description - 30ETH06SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EPH3006-F3 VISHAY-VS-EPH3006-F3 Datasheet
234Kb / 11P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 05-Apr-12
ETH3006S-M3 VISHAY-ETH3006S-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
APH3006-F3 VISHAY-APH3006-F3 Datasheet
230Kb / 10P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 24-May-11
30EPH06PBF VISHAY-30EPH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30ETH06PBF VISHAY-30ETH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 28-Apr-11
ETH3006-M3 VISHAY-ETH3006-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com