Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32CTQ025-1TRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 32CTQ025-1TRLPBF
Description  Schottky Rectifier, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

32CTQ025-1TRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  32CTQ025-1TRLPBF Datasheet HTML 1Page - Vishay Siliconix 32CTQ025-1TRLPBF Datasheet HTML 2Page - Vishay Siliconix 32CTQ025-1TRLPBF Datasheet HTML 3Page - Vishay Siliconix 32CTQ025-1TRLPBF Datasheet HTML 4Page - Vishay Siliconix 32CTQ025-1TRLPBF Datasheet HTML 5Page - Vishay Siliconix 32CTQ025-1TRLPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94203
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 15-Mar-10
1
Schottky Rectifier, 2 x 15 A
VS-32CTQ...SPbF, VS-32CTQ...-1PbF Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
The VS-32CTQ... Schottky rectifier series has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation
up to 150 °C junction temperature. Typical applications are
in switching power supplies, converters, freewheeling
diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 15 A
VR
25 V/30 V
VS-32CTQ...SPbF
D2PAK
TO-262
VS-32CTQ...-1PbF
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
30
A
VRRM
25/30
V
IFSM
tp = 5 μs sine
900
A
VF
15 Apk, TJ = 125 °C
0.40
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-32CTQ025SPbF
VS-32CTQ025-1PbF
VS-32CTQ030SPbF
VS-32CTQ030-1PbF
UNITS
Maximum DC reverse voltage
VR
25
30
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 115 °C, rectangular waveform
30
A
Maximum peak one cycle non-repetitive
surge current
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
900
10 ms sine or 6 ms rect. pulse
250
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1.20 A, L = 11.10 mH
13
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3A


Similar Part No. - 32CTQ025-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
32CTQ025-1TRLPBF VISHAY-32CTQ025-1TRLPBF Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
More results

Similar Description - 32CTQ025-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com