Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40CTQ045SPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 40CTQ045SPBF
Description  Schottky Rectifier, 2 x 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CTQ045SPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  40CTQ045SPBF Datasheet HTML 1Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 2Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 3Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 4Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 5Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94213
4
Revision: 15-Mar-10
VS-40CTQ045SPbF, VS-40CTQ045-1PbF
Vishay High Power Products Schottky Rectifier, 2 x 20 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 10 V
100
105
110
115
120
125
130
135
140
150
145
IF(AV) - Average Forward Current (A)
10
515
20
30
025
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
2
4
6
8
10
12
14
16
18
IF(AV) - Average Forward Current (A)
10
515
20
30
25
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
10 000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 40CTQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CTQ045SPBF VISHAY-40CTQ045SPBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CTQ045SPBF VISHAY-40CTQ045SPBF Datasheet
168Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
40CTQ045SPBF VISHAY-40CTQ045SPBF_13 Datasheet
168Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
More results

Similar Description - 40CTQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com