Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47CTQ020STRRPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 47CTQ020STRRPBF
Description  Schottky Rectifier, 2 x 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

47CTQ020STRRPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  47CTQ020STRRPBF Datasheet HTML 1Page - Vishay Siliconix 47CTQ020STRRPBF Datasheet HTML 2Page - Vishay Siliconix 47CTQ020STRRPBF Datasheet HTML 3Page - Vishay Siliconix 47CTQ020STRRPBF Datasheet HTML 4Page - Vishay Siliconix 47CTQ020STRRPBF Datasheet HTML 5Page - Vishay Siliconix 47CTQ020STRRPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94228
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 15-Mar-10
1
Schottky Rectifier, 2 x 20 A
VS-47CTQ020SPbF, VS-47CTQ020-1PbF
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap configuration
• Optimized for 3.3 V application
• Ultralow forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long
term reliability
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength and
moisture resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
This center tap Schottky rectifier module has been
optimized for ultralow forward voltage drop specifically for
3.3 V output power supplies. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are parallel
switching power supplies, converters, reverse battery
protection, and redundant power subsystems.
PRODUCT SUMMARY
IF(AV)
2 x 20 A
VR
20 V
IRM
310 mA at 125 °C
VS-47CTQ020SPbF
D2PAK
TO-262
VS-47CTQ020-1PbF
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
40
A
VRRM
20
V
IFSM
tp = 5 μs sine
1000
A
VF
20 Apk, TJ = 125 °C
0.34
V
TJ
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VS-47CTQ020SPbF
VS-47CTQ020-1PbF
UNITS
Maximum DC reverse voltage
VR
125 °C
20
V
150 °C
10
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
50 % duty cycle at TC = 135 °C, rectangular waveform
20
A
per device
40
Maximum peak one cycle
non-repetitive surge current per leg
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1000
10 ms sine or 6 ms rect. pulse
250
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 3 A, L = 3 mH
18
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3A


Similar Part No. - 47CTQ020STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
47CTQ020STRRPBF IRF-47CTQ020STRRPBF Datasheet
285Kb / 7P
   SCHOTTKY RECTIFIER 40 Amp
logo
Vishay Siliconix
47CTQ020STRRPBF VISHAY-47CTQ020STRRPBF Datasheet
130Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 12-Sep-08
More results

Similar Description - 47CTQ020STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com