Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50MT060ULSTAPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 50MT060ULSTAPBF
Description  Low Side Chopper IGBT MTP (Ultrafast Speed IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50MT060ULSTAPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  50MT060ULSTAPBF Datasheet HTML 1Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 2Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 3Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 4Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 5Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 6Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 7Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 8Page - Vishay Siliconix 50MT060ULSTAPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
50MT060ULSTAPbF
www.vishay.com
Vishay Semiconductors
Revision: 17-Jun-11
5
Document Number: 94540
For technical questions, contact: indmodules@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Maximum Transient Thermal Impedance, Junction to Case (Diode)
Fig. 8 - Typical Capacitance vs. Collector to Emitter Voltage
Fig. 9 - Typical Gate Charge vs. Gate to Emitter Voltage
Fig. 10 - Typical Switching Losses vs. Gate Resistance
Fig. 11 - Typical Switching Losses vs. Junction Temperature
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.200
0.000993
0.296
0.038934
0.102
0.52648
?
J
τ
J
?
1
τ
1
?
2
τ
2
?
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
?
τ
C
Ci
i
?Ri
Ci=
τi/Ri
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
12000
14000
Coes
Cres
Cies
VGE = 0V, f = 1 MHZ
C
ies
= C
ge
+C
gc
, C
ce
SHORTED
C
res
= C
gc
C
oes
= C
ce
+ C
gc
0
100
200
300
400
QG, Total Gate Charge (nC)
0.0
4.0
8.0
12.0
16.0
20.0
IC= 100A
VCE = 480V
0
10
20
30
Rg , Gate Resistance ( Ω)
0.0
1.0
2.0
3.0
4.0
5.0
VCC = 480V
VGE = 15V
TJ = 25°C
I C = 100A
EOFF
EON
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ, Junction Temperature (°C)
0.1
1
10
100
RG = 5.0Ω
VGE = 15V
VCC = 480V
IC = 100A
IC = 50A
IC = 25A


Similar Part No. - 50MT060ULSTAPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50MT060ULSTA IRF-50MT060ULSTA Datasheet
220Kb / 10P
   Ultrafast Speed IGBT
More results

Similar Description - 50MT060ULSTAPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50MT060ULS IRF-50MT060ULS Datasheet
199Kb / 10P
   LOW SIDE CHOPPER IGBT MTP
logo
Vishay Siliconix
VS-GB50LA120UX VISHAY-VS-GB50LA120UX Datasheet
1Mb / 10P
   Low Side Chopper IGBT SOT-227 (Ultrafast IGBT), 50 A
Revision: 30-Jul-13
GB50LA120UX VISHAY-GB50LA120UX Datasheet
176Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Ultrafast IGBT), 50 A
Revision: 22-Jul-10
VS-GT100LA120UX VISHAY-VS-GT100LA120UX Datasheet
178Kb / 10P
   “Low Side Chopper” IGBT SOT-227 (Trench IGBT), 100 A
Revision: 11-Jun-15
GT100LA120UX VISHAY-GT100LA120UX Datasheet
177Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A
Revision: 22-Jul-10
GB50NA120UX VISHAY-GB50NA120UX Datasheet
177Kb / 10P
   "High Side Chopper" IGBT SOT-227 (Ultrafast IGBT), 50 A
Revision: 22-Jul-10
GB70LA60UF VISHAY-GB70LA60UF_13 Datasheet
152Kb / 9P
   Low Side Chopper IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 01-Feb-12
GB70LA60UF VISHAY-GB70LA60UF Datasheet
174Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 22-Jul-10
VS-GT100NA120UX VISHAY-VS-GT100NA120UX Datasheet
178Kb / 10P
   “High Side Chopper” IGBT SOT-227 (Trench IGBT), 100 A
Revision: 11-Jun-15
GT100NA120UX VISHAY-GT100NA120UX Datasheet
177Kb / 10P
   "High Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A
Revision: 22-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com