Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ03FNPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 50WQ03FNPBF
Description  Schottky Rectifier, 5.5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50WQ03FNPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  50WQ03FNPBF Datasheet HTML 1Page - Vishay Siliconix 50WQ03FNPBF Datasheet HTML 2Page - Vishay Siliconix 50WQ03FNPBF Datasheet HTML 3Page - Vishay Siliconix 50WQ03FNPBF Datasheet HTML 4Page - Vishay Siliconix 50WQ03FNPBF Datasheet HTML 5Page - Vishay Siliconix 50WQ03FNPBF Datasheet HTML 6Page - Vishay Siliconix 50WQ03FNPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94232
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 14-Jan-11
VS-50WQ03FNPbF
Vishay Semiconductors
Schottky Rectifier, 5.5 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
120
125
130
135
140
145
150
IF(AV) - Average Forward Current (A)
2
13
4
5678
0
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
0.5
1.5
3.0
3.5
2.5
2.0
1.0
IF(AV) - Average Forward Current (A)
2
13
4
8
567
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - 50WQ03FNPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ03FNPBF IRF-50WQ03FNPBF Datasheet
187Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results

Similar Description - 50WQ03FNPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3_V01 Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
01-Jan-2022
50WQ06FNPBF VISHAY-50WQ06FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com