Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SQ080TR Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 50SQ080TR
Description  Schottky Rectifier, 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50SQ080TR Datasheet(HTML) 7 Page - Vishay Siliconix

  50SQ080TR Datasheet HTML 1Page - Vishay Siliconix 50SQ080TR Datasheet HTML 2Page - Vishay Siliconix 50SQ080TR Datasheet HTML 3Page - Vishay Siliconix 50SQ080TR Datasheet HTML 4Page - Vishay Siliconix 50SQ080TR Datasheet HTML 5Page - Vishay Siliconix 50SQ080TR Datasheet HTML 6Page - Vishay Siliconix 50SQ080TR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 50SQ080TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50SQ080TR IRF-50SQ080TR Datasheet
78Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50SQ080TR VISHAY-50SQ080TR Datasheet
106Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
More results

Similar Description - 50SQ080TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50SQ100TR VISHAY-VS-50SQ100TR Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
50SQ060 VISHAY-50SQ060 Datasheet
106Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
50SQ060G VISHAY-50SQ060G Datasheet
108Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
VS-50SQ060 VISHAY-VS-50SQ060 Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
VS-50SQ060-M3 VISHAY-VS-50SQ060-M3 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
02-Oct-12
logo
Microsemi Corporation
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Micrel Semiconductor
UPS3540 MICREL-UPS3540 Datasheet
290Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Microsemi Corporation
UPS560E3 MICROSEMI-UPS560E3 Datasheet
179Kb / 3P
   5 A Schottky Barrier Rectifier
logo
Vishay Siliconix
10CTQ150SPBF VISHAY-10CTQ150SPBF_10 Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 5 A
Revision: 23-Mar-10
VS-10CTQ150PBF VISHAY-VS-10CTQ150PBF_V01 Datasheet
147Kb / 7P
   Schottky Rectifier, 2 x 5 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com