Electronic Components Datasheet Search |
|
60CPU06-F Datasheet(PDF) 1 Page - Vishay Siliconix |
|
60CPU06-F Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 8 page Document Number: 94658 For technical questions, contact: diodes-tech@vishay.com www.vishay.com Revision: 21-Jan-09 1 Ultrafast Rectifier, FRED PtTM, 2 x 30 A 60CPU06-F Vishay High Power Products FEATURES • Ultrafast recovery time • Low forward voltage drop • Low leakage current • 175 °C operating junction temperature • Fully lead (Pb)-free and RoHS compliant devices • Designed and qualified for industrial level DESCRIPTION 60CPU02-F series are the state of the art ultrafast recovery rectifiers designed with optimized performance of forward voltage drop and ultrafast recovery time. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, welding, UPS, dc-to-dc converters as well as freewheeling diodes in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. PRODUCT SUMMARY trr 42 ns IF(AV) 2 x 30 A VR 600 V TO-247AC Anode 2 13 2 Base common cathode 2 Common cathode Anode 1 ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Repetitive peak reverse voltage VRRM 600 V Average rectified forward current per leg IF(AV) 30 A per device Rated VR, TC = 137 °C 60 Non-repetitive peak surge current per leg IFSM TJ = 25 °C 300 Peak repetitive forward current per leg IFM Rated VR, square wave, 20 kHz, TC = 137 °C 60 Operating junction and storage temperatures TJ, TStg - 65 to 175 °C ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNITS Breakdown voltage, blocking voltage VBR, VR IR = 100 µA 600 - - V Forward voltage VF IF = 30 A - 1.31 1.65 IF = 30 A, TJ = 150 °C - 1.1 1.4 Reverse leakage current IR VR = VR rated - 0.02 50 µA TJ = 150 °C, VR = VR rated - 30 250 Junction capacitance CT VR = 200 V - 22 - pF Series inductance LS Measured lead to lead 5 mm from package body - 3.5 - nH |
Similar Part No. - 60CPU06-F |
|
Similar Description - 60CPU06-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |