Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPU06PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 60EPU06PBF
Description  Ultrafast Soft Recovery Diode, 60 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPU06PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  60EPU06PBF Datasheet HTML 1Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 2Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 3Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 4Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 5Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 6Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 7Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 8Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94023
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 14-Feb-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
VS-60EPU06PbF, VS-60APU06PbF
Vishay Semiconductors
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• 175 °C operating junction temperature
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for industrial level
BENEFITS
• Reduced RFI and EMI
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION/APPLICATIONS
These diodes are optimized to reduce losses and EMI/RFI in
high frequency power conditioning systems.
The softness of the recovery eliminates the need for a
snubber in most applications. These devices are ideally
suited for HF welding, power converters and other
applications where switching losses are not significant
portion of the total losses.
PRODUCT SUMMARY
Package
TO-247AC,
TO-247AC modified (2 pins)
IF(AV)
60 A
VR
600 V
VF at IF
1.68 V
trr typ.
See Recovery table
TJ max.
175 °C
Diode variation
Single die
TO-247AC modified
TO-247AC
Cathode
to base
2
1
3
Cathode
Anode
VS-60EPU06PbF
Cathode
to base
2
Anode
Anode
VS-60APU06PbF
1
3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
600
V
Continuous forward current
IF(AV)
TC = 116 °C
60
A
Single pulse forward current
IFSM
TC = 25 °C
600
Maximum repetitive forward current
IFRM
Square wave, 20 kHz
120
Operating junction and storage temperatures
TJ, TStg
- 55 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 60 A
-
1.35
1.68
IF = 60 A, TJ = 125 °C
-
1.20
1.42
IF = 60 A, TJ = 175 °C
-
1.11
1.30
Reverse leakage current
IR
VR = VR rated
-
-
50
μA
TJ = 150 °C, VR = VR rated
-
-
500
Junction capacitance
CT
VR = 600 V
-
39
-
pF


Similar Part No. - 60EPU06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU06PBF IRF-60EPU06PBF Datasheet
215Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
206Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU06PBF VISHAY-60EPU06PBF_12 Datasheet
206Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
More results

Similar Description - 60EPU06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
60EPU02PBF VISHAY-60EPU02PBF_11 Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_12 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU06PBF VISHAY-60EPU06PBF_12 Datasheet
206Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
80EBU04 VISHAY-80EBU04_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
logo
Nell Semiconductor Co.,...
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 60 A
logo
Vishay Siliconix
80EBU02 VISHAY-80EBU02_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com