Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPU06PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 60EPU06PBF
Description  Ultrafast Soft Recovery Diode, 60 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPU06PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  60EPU06PBF Datasheet HTML 1Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 2Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 3Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 4Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 5Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 6Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 7Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 8Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94023
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 14-Feb-11
VS-60EPU06PbF, VS-60APU06PbF
Vishay Semiconductors
Ultrafast Soft Recovery Diode,
60 A FRED Pt®
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
020
40
60
IF(AV) - Average Forward Current (A)
140
160
180
120
80
60
80
100
100
DC
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
0
40
60
80
100
IF(AV) - Average Forward Current (A)
0
40
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
20
20
60
80
100
RMS limit
120
140
100
1000
dIF/dt (A/µs)
150
250
100
200
300
50
T
J = 125 °C
T
J = 25 °C
I
F = 30 A
I
F = 60 A
10
100
1000
dIF/dt (A/µs)
1500
2500
1000
2000
3000
500
T
J = 125 °C
T
J = 25 °C
I
F = 30 A
I
F = 60 A
10
0


Similar Part No. - 60EPU06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU06PBF IRF-60EPU06PBF Datasheet
215Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
206Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU06PBF VISHAY-60EPU06PBF_12 Datasheet
206Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
More results

Similar Description - 60EPU06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
60EPU02PBF VISHAY-60EPU02PBF_11 Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_12 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU06PBF VISHAY-60EPU06PBF_12 Datasheet
206Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
80EBU04 VISHAY-80EBU04_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
logo
Nell Semiconductor Co.,...
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 60 A
logo
Vishay Siliconix
80EBU02 VISHAY-80EBU02_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com