Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80CPQ150PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 80CPQ150PBF
Description  Schottky Rectifier, 2 x 40 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPQ150PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  80CPQ150PBF Datasheet HTML 1Page - Vishay Siliconix 80CPQ150PBF Datasheet HTML 2Page - Vishay Siliconix 80CPQ150PBF Datasheet HTML 3Page - Vishay Siliconix 80CPQ150PBF Datasheet HTML 4Page - Vishay Siliconix 80CPQ150PBF Datasheet HTML 5Page - Vishay Siliconix 80CPQ150PBF Datasheet HTML 6Page - Vishay Siliconix 80CPQ150PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94257
4
Revision: 13-Aug-08
80CPQ150PbF
Vishay High Power Products Schottky Rectifier, 2 x 40 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
120
130
150
170
180
160
140
IF(AV) - Average Forward Current (A)
20
10
3040
50
60
0
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
10
30
50
40
20
IF(AV) - Average Forward Current (A)
20
10
3040
50
60
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
10 000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 80CPQ150PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CPQ150PBF IRF-80CPQ150PBF Datasheet
203Kb / 6P
   SCHOTTKY RECTIFIER 80 Amp
logo
Vishay Siliconix
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 21-Aug-08
More results

Similar Description - 80CPQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 21-Aug-08
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 12-Sep-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ020-N3 VISHAY-VS-80CPQ020-N3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 2 x 40 A
01-Jan-2022
logo
STMicroelectronics
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
   Rad-Hard 2 x 40 A - 45 V Schottky rectifier
March 2020 - Rev 2
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
   Rad-Hard 2 x 40 A - 150 V Schottky rectifier
December 2021 - Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com