Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF20PC3M Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF20PC3M
Description  Schottky Rectifiers (SBD) (30V 20A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF20PC3M Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  DF20PC3M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF20PC3M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF20PC3M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF20PC3M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DF20PC3M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd DF20PC3M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd DF20PC3M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd DF20PC3M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Forward Voltage
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
DF20PC3M
Tc=125
°C [MAX]
Tc=25
°C [MAX]
Pulse measurement per diode
Tc=125
°C [TYP]
Tc=25
°C [TYP]
Forward Voltage VF [V]


Similar Part No. - DF20PC3M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF20PC3M SHINDENGEN-DF20PC3M_10 Datasheet
561Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - DF20PC3M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF20SC3L SHINDENGEN-SF20SC3L Datasheet
619Kb / 10P
   Schottky Rectifiers (SBD) (30V 20A)
S20SC9M SHINDENGEN-S20SC9M Datasheet
534Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
DF20SC9M SHINDENGEN-DF20SC9M Datasheet
536Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
S20SC4M SHINDENGEN-S20SC4M Datasheet
592Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
SF20SC4 SHINDENGEN-SF20SC4 Datasheet
617Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
DF20SC4M SHINDENGEN-DF20SC4M Datasheet
578Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
D20SC9M SHINDENGEN-D20SC9M Datasheet
591Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
   Schottky Rectifiers (SBD) (30V 5A)
DF40PC3 SHINDENGEN-DF40PC3 Datasheet
540Kb / 8P
   Schottky Rectifiers (SBD) (30V 40A)
S60SC3ML SHINDENGEN-S60SC3ML Datasheet
534Kb / 10P
   Schottky Rectifiers (SBD) (30V 60A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com