Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B73-2N30-FKS Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # B73-2N30-FKS
Description  B73 & Series 75 Sealed External Cage Liquid Level Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B73-2N30-FKS Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button B73-2N30-FKS Datasheet HTML 2Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 3Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 4Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 5Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 6Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 7Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 8Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 9Page - Magnetrol International, Inc. B73-2N30-FKS Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Pressure Rating
Model
Min.
psig @ ° F
bar @ ° C
No.
SG
Materials of Construction
100
450
38
232
B73-1
0.59
Carbon steel chamber, 316 stainless steel float,
400 stainless steel trim
B73-2
0.59
Carbon steel chamber, 316 stainless steel float,
316 stainless steel trim
400
275
28
20
B73-3
0.59
304 stainless steel chamber, 316 stainless steel float,
304 stainless steel trim
B73-4
0.59
316 stainless steel chamber, 316 stainless steel float,
316 stainless steel trim
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP)
MODEL NUMBER CODE
B20
1" NPT threaded side/bottom
B30
1" socket weld side/bottom
N30
1" 150 lb. flanged upper side/bottom
N40
1" 300 lb. flanged upper side/bottom
S30
1" 150 lb. flanged side/side
S40
1" 300 lb. flanged side/side
TANK CONNECTION TYPE AND SIZE
M O D E L N U M B E R
S E R I E S B 7 3
ŒŒ
ΠModels are limited to maximum temperature rating of selected
switch mechanism. See Switch Mechanism chart on page 9.
 Process temperature based on +100° F (+38° C) ambient.
Ž On steam & other condensing applications, temperature down-
rated to +400° F (+204° C) process @ +100° F (+38° C) ambient.


Similar Part No. - B73-2N30-FKS

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B73-1B20-BKQ MAGNETROL-B73-1B20-BKQ Datasheet
509Kb / 28P
   Sealed External Cage Liquid Level Switches
B73-3N30-FNS MAGNETROL-B73-3N30-FNS Datasheet
509Kb / 28P
   Sealed External Cage Liquid Level Switches
More results

Similar Description - B73-2N30-FKS

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B73-1B20-BKQ MAGNETROL-B73-1B20-BKQ Datasheet
509Kb / 28P
   Sealed External Cage Liquid Level Switches
B74-1B20-BKQ MAGNETROL-B74-1B20-BKQ Datasheet
418Kb / 16P
   External Cage Displacer Actuated Liquid Level Switches
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
   External Cage Float Actuated Liquid Level Switches
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com