Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWI1N60 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SWI1N60
Description  N-channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SWI1N60 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SWI1N60 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SWI1N60 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SWI1N60 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SWI1N60 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SWI1N60 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SWI1N60 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SWI1N60 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Features
■ High ruggedness
■ R
DS(ON) (Max 12 Ω)@VGS=10V
■ Gate Charge (Max 6nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
N-channel MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-126
TO-251
TO-252
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
1.0
1.0
A
Continuous Drain Current (@T
C=100
oC)
0.65
0.65
A
I
DM
Drain current pulsed
(note 1)
4.0
4.0
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
52
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
0.3
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
30
30
W
Derating Factor above 25oC
0.23
0.23
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Maximum Value
Unit
TO-126
TO-251
TO-252
R
thjC
Thermal resistance, Junction to case
4.2
oC/W
R
thCS
Thermal resistance, Junction to case
50
oC/W
R
thjA
Thermal resistance, Junction to ambient
110
oC/W
Mar. 2011. Rev. 2.0
1/7
BV
DSS : 600V
I
D
: 1.0A
R
DS(ON) : 12ohm
1
2
3
1 2
3
1. Gate 2. Drain 3. Source
TO-251
1
2
3
TO-252
TO-126
1
2
3
SW1N60
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW L 1N60
SW1N60
TO-126
TUBE
2
SW I 1N60
SW1N60
TO-251
TUBE
3
SW D 1N60
SW1N60
TO-252
REEL
Order Codes


Similar Part No. - SWI1N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI1N60C SEMIPOWER-SWI1N60C Datasheet
742Kb / 7P
   N-channel D-PAK/I-PAK/TO-92 MOSFET
More results

Similar Description - SWI1N60

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com