Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4N65 Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW4N65
Description  N-channel MOSFET (TO-251 , TO-252)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW4N65 Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW4N65 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Fig. 1. On-state characteristics
Fig. 2. Transfer characteristics
Fig. 3. On-resistance variation vs.
drain current and gate voltage
Fig. 5. Capacitance characteristics
(Non-Repetitive)
Fig. 6. Gate charge characteristics
Fig. 4. On state current vs.
diode forward voltage
3/7
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
،ط Notes :
1. 250¥ىs Pulse Test
2. T
C
= 25،ة
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom :
5.5 V
V
DS
, Drain-Source Voltage [V]
2
3
4
5
6
7
8
9
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
،ط Notes :
1. V
DS
= 50V
2. 250¥ىs Pulse Test
V
GS
, Gate-Source Voltage [V]
0
2
4
6
8
10
12
0
1
2
3
4
5
6
V
GS
= 20V
V
GS
= 10V
،ط Note : T
J
= 25،ة
I
D
, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
150،ة
،ط Notes :
1. V
GS
= 0V
2. 250¥ىs Pulse Test
25،ة
V
SD
, Source-Drain voltage [V]
0
5
10
15
20
25
30
35
0
250
500
750
C
iss
=C
gs
+C
gd
(C
ds
=shorted)
C
oss
=C
ds
+C
gd
C
rss
=C
gd
،ط Notes :
1. V
GS
= 0V
2. f=1MHz
C
iss
C
oss
C
rss
V
DS
, Drain-Source Voltage [V]
0
4
8
12
16
20
0
2
4
6
8
10
12
V
DS
= 325V
V
DS
= 520V
*. Note : I
D
= 4.0A
Q
G
, Total Gate Charge [nC]
SW4N65
SAMWIN


Similar Part No. - SW4N65

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N65 SEMIPOWER-SW4N65 Datasheet
775Kb / 7P
   N-channel MOSFET (TO-220F , TO-220)
SW4N65DA SEMIPOWER-SW4N65DA Datasheet
735Kb / 6P
   N-channel Enhanced mode TO-220F/TO-251N/TO-252/TO-251NX-S4 MOSFET
SW4N65DB SEMIPOWER-SW4N65DB Datasheet
768Kb / 6P
   N-channel Enhanced mode TO-251 MOSFET
SW4N65DC SEMIPOWER-SW4N65DC Datasheet
577Kb / 6P
   N-channel Enhanced mode TO-251/TO-251N-S2 MOSFET
SW4N65DD SEMIPOWER-SW4N65DD Datasheet
725Kb / 6P
   N-channel Enhanced mode TO-251N/TO-251N-S2/TO-220F/TO-220SF MOSFET
More results

Similar Description - SW4N65

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
   N-channel Enhanced mode TO-252/TO-251 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
   N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
   N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
   N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW3N90U SEMIPOWER-SW3N90U Datasheet
887Kb / 7P
   N-channel Enhanced mode TO-251/TO-251M/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com