Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX16652 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74LCX16652
Description  LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX16652 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX16652 Datasheet HTML 1Page - Motorola, Inc MC74LCX16652 Datasheet HTML 2Page - Motorola, Inc MC74LCX16652 Datasheet HTML 3Page - Motorola, Inc MC74LCX16652 Datasheet HTML 4Page - Motorola, Inc MC74LCX16652 Datasheet HTML 5Page - Motorola, Inc MC74LCX16652 Datasheet HTML 6Page - Motorola, Inc MC74LCX16652 Datasheet HTML 7Page - Motorola, Inc MC74LCX16652 Datasheet HTML 8Page - Motorola, Inc MC74LCX16652 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0.2
© Motorola, Inc. 1996
11/96
Advance Information
Low-Voltage CMOS 16-Bit
Transceiver/Registered
Transceiver With Dual Enable
With 5V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX16652 is a high performance, non–inverting 16–bit
transceiver/registered transceiver operating from a 2.7 to 3.6V supply.
The device is byte controlled. Each byte has separate control inputs
which can be tied together for full 16–bit operation. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5V allows MC74LCX16652 inputs to
be safely driven from 5V devices. The MC74LCX16652 is suitable for
memory address driving and all TTL level bus oriented transceiver
applications.
Data on the A or B bus will be clocked into the registers as the
appropriate clock pin goes from a LOW–to–HIGH logic level. Output
Enable pins (OEBAn, OEABn) are provided to control the transceiver
outputs. In the transceiver mode, data present at the high impedance port
may be stored in either the A or the B register or in both. The select
controls (SBAn, SABn) can multiplex stored and real–time (transparent
mode) data. In the isolation mode (both outputs disabled), A data may be
stored in the B register or B data may be stored in the A register. When in
the real–time mode, it is possible to store data without using the internal
registers by simultaneously enabling OEAB and OEBA. In this
configuration, each output reinforces its input (data retention is not
guaranteed in this mode).
Designed for 2.7 to 3.6V VCC Operation
5.7ns Maximum tpd
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (20µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
PIN NAMES
Function
Side A Inputs/Outputs
Side B Inputs/Outputs
Clock Pulse Inputs
Select Control Inputs
Output Enable Inputs
Pins
A0–A15
B0–B15
CABn, CBAn
SABn, SBAn
OEBAn, OEABn
LOW–VOLTAGE CMOS
16–BIT TRANSCEIVER/
REGISTERED TRANSCEIVER
WITH DUAL ENABLE
MC74LCX16652
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 1202–01


Similar Part No. - MC74LCX16652

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX16646DT MOTOROLA-MC74LCX16646DT Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
More results

Similar Description - MC74LCX16652

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ652 MOTOROLA-MC74LVQ652 Datasheet
244Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX652 MOTOROLA-MC74LCX652 Datasheet
177Kb / 9P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
74LCX16543 ONSEMI-74LCX16543 Datasheet
199Kb / 11P
   Low Voltage 16-Bit Registered Transceiver
Revised April 2001
logo
Toshiba Semiconductor
TC74VCXH16543FT TOSHIBA-TC74VCXH16543FT Datasheet
225Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
TC74VCXHR162543FT TOSHIBA-TC74VCXHR162543FT Datasheet
233Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com