Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1V22W Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # K1V22W
Description  Sidac
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

K1V22W Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  K1V22W Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd K1V22W Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Maximum Ambient Temperature
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
140
K1V22(W)
K1V24(W)
K1V26(W)
Tj=125
°C
Sine Wave
Conduction Angle 180
°
Allowable Ambient Temperature Ta [
°C]
Mounted on PCB
20mm
l
Soldering land 3mm
φ
l = 2~15mm


Similar Part No. - K1V22W

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V22W SHINDENGEN-K1V22W Datasheet
307Kb / 2P
   SIDAC
K1V22W SHINDENGEN-K1V22W_10 Datasheet
307Kb / 2P
   SIDAC
K1V22W SHINDENGEN-K1V22W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
More results

Similar Description - K1V22W

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
   Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
   Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com