Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81CNQ040ASLPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 81CNQ040ASLPBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

81CNQ040ASLPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  81CNQ040ASLPBF Datasheet HTML 1Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 2Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 3Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 4Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 5Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 6Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 7Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 8Page - Vishay Siliconix 81CNQ040ASLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95354
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
For technical questions concerning module products, contact: ind-modules@vishay.com
3
Outline Dimensions
D-61-8, D-61-8-SM,
D-61-8-SL
Vishay High Power Products
DIMENSIONS FOR D 61-8-SL in millimeters (inches)
8.89 (0.350)
8.73 (0.344)
2.67 (0.105)
2.16 (0.085)
19.93 (0.785)
19.68 (0.775)
5.59 (0.220)
5.08 (0.200)
0.89 (0.035)
0.73 (0.029)
1.98 (0.078)
1.72 (0.068)
5.20 (0.205)
4.95 (0.195)
14° MIN. 14° MIN.
3.30 (0.130)
3.05 (0.120)
1.40 (0.055)
1.14 (0.045)
R0 0.508
(R 0.02)
5.97 (0.235)
5.71 (0.225)
DETAIL “A”
3.30 (0.130)
3.05 (0.120)
1.04 (0.041)
0.84 (0.033)
R 0.51 (0.020)
R 0.76 (0.030)
5.33 (0.210)
3.97 (0.156)
3.68 (0.145)
2.41 (0.095)
2.16 (0.085)
0.89 (0.035)
0.73 (0.029)
10.79 (0.425) MAX.
19.93 (0.785)
19.68 (0.775)
16.13 (0.635)
15.88 (0.625)
14.22 (0.560)
13.71 (0.540)
1.98 (0.078)
1.72 (0.068)
(2 x)
10.16 (0.400) REF.
0.89 (0.035)
0.73 (0.029)
(2 x)
0.64 (0.025) REF.
(2 x)
8.89 (0.350)
8.73 (0.344)
3.97 (0.156)
3.68 (0.145)
5.59 (0.220)
5.08 (0.200)


Similar Part No. - 81CNQ040ASLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81CNQ040ASL VISHAY-81CNQ040ASL Datasheet
117Kb / 7P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 19-Aug-08
logo
Microsemi Corporation
81CNQ040ASL MICROSEMI-81CNQ040ASL Datasheet
124Kb / 2P
   Schottky Power Surface Mount
More results

Similar Description - 81CNQ040ASLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com