Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88CNQ060APBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 88CNQ060APBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

88CNQ060APBF Datasheet(HTML) 2 Page - Vishay Siliconix

  88CNQ060APBF_10 Datasheet HTML 1Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 2Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 3Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 4Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 5Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 6Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 7Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 8Page - Vishay Siliconix 88CNQ060APBF_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94262
2
Revision: 16-Apr-10
VS-88CNQ060A PbF Series
Vishay High Power Products
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 40 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 120 °C, rectangular waveform,
rated VR
40
A
per device
80
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and
with rated VR applied
5000
10 ms sine or 6 ms rect. pulse
600
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 1 A, L = 0.57 mH
75
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.0
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
VFM (1)
40 A
TJ = 25 °C
0.58
V
80 A
0.77
40 A
TJ = 125 °C
0.56
80 A
0.67
Typical reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.64
mA
TJ = 125 °C
240
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
5200
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
5.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case
per leg
RthJC
DC operation
0.85
°C/W
per package
0.42
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
Device flatness < 5 mils
0.30
Approximate weight
7.8
g
0.28
oz.
Mounting torque
minimum
40 (35)
kgf · cm
(lbf · in)
maximum
58 (50)
Marking device
Case style D-61
88CNQ060A
Case style D-61-8-SM
88CNQ060ASM
Case style D-61-8-SL
88CNQ060ASL


Similar Part No. - 88CNQ060APBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
88CNQ060APBF IRF-88CNQ060APBF Datasheet
166Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
88CNQ060APBF VISHAY-88CNQ060APBF Datasheet
100Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 29-Aug-08
More results

Similar Description - 88CNQ060APBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
81CNQ035APBF VISHAY-81CNQ035APBF_10 Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com