Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1490 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB1490
Description  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1490 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB1490 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1490 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1490
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -30mA; IB= 0
-140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -6A; IB= -6mA
B
-2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -6A; IB= -6mA
B
-3.0
V
ICBO
Collector Cutoff Current
VCB= -160V; IE= 0
-100
μA
ICEO
Collector Cutoff Current
VCE= -140V; IB= 0
-100
μA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-100
μA
hFE-1
DC Current Gain
IC= -1A; VCE= -5V
2000
hFE-2
DC Current Gain
IC= -6A; VCE= -5V
5000
30000
fT
Current-Gain—Bandwidth Product
IC= -0.5A; VCE= -10V
20
MHz
Switching Times
ton
Turn-on Time
1.0
μs
tstg
Storage Time
1.5
μs
tf
Fall Time
IC= -6A; IB1= -IB2= -6mA,
VCC= -50V
1.2
μs
hFE-2 Classifications
Q
P
5000-15000
8000-30000
isc Website:www.iscsemi.cn
2


Similar Part No. - 2SB1490

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1490 PANASONIC-2SB1490 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SB1490 SAVANTIC-2SB1490 Datasheet
114Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1490 NJSEMI-2SB1490 Datasheet
79Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
2SB1490 SAVANTIC-2SB1490 Datasheet
116Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB1490

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com