Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111CNQ045ASM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 111CNQ045ASM
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

111CNQ045ASM Datasheet(HTML) 3 Page - Vishay Siliconix

  111CNQ045ASM Datasheet HTML 1Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 2Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 3Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 4Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 5Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 6Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 7Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 8Page - Vishay Siliconix 111CNQ045ASM Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93158
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Apr-10
3
VS-111CNQ045A PbF Series
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 55 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
Forward Voltage Drop - V
FM
(V)
1
10
100
1000
0
0.5
1
1.5
2
Tj = 175˚C
Tj = 125˚C
Tj = 25˚C
Reverse Voltage - V
R
(V)
0.001
0.01
0.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45
125˚C
100˚C
75˚C
50˚C
25˚C
Tj = 175˚C
150˚C
Reverse Voltage - V
R
(V)
1000
10000
0
5
10 15 20 25 30 35 40 45
Tj = 25˚C
t
1
, Rectangular Pulse Duration (Seconds)
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - 111CNQ045ASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111CNQ045ASM IRF-111CNQ045ASM Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
111CNQ045ASM VISHAY-111CNQ045ASM Datasheet
114Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
More results

Similar Description - 111CNQ045ASM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-112CNQ030A VISHAY-VS-112CNQ030A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100APBF VISHAY-113CNQ100APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
111CNQ045A VISHAY-111CNQ045A Datasheet
114Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
112CNQ030APBF VISHAY-112CNQ030APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
115CNQ015A VISHAY-115CNQ015A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
115CNQ015APBF VISHAY-115CNQ015APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100A VISHAY-113CNQ100A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
VS-113CNQ100A VISHAY-VS-113CNQ100A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
110CNQ045APBF VISHAY-110CNQ045APBF Datasheet
163Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
VS-111CNQ045A VISHAY-VS-111CNQ045A Datasheet
584Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com