Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51MT100KPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 51MT100KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

51MT100KPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  51MT100KPBF Datasheet HTML 1Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 2Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 3Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 4Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 5Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 6Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 7Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 8Page - Vishay Siliconix 51MT100KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94353
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 13-Aug-08
5
5.MT...KPbF, 9.MT...KPbF, 11.MT...KPbF Series
Three Phase Controlled Bridge
(Power Modules), 55 A to 110 A
Vishay High Power Products
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Current Ratings Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
94353_04
5.MT..K Series
Per junction
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
350
150
250
200
300
Pulse Train Duration (s)
0.1
1
0.01
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
5.MT..K Series
Per junction
400
350
150
94353_05
250
200
300
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
Total Output Current (A)
20
40
60
80
100
0
120°
(Rect.)
9.MT..K Series
100
120
130
80
94353_06
90
110
~
+
-
Total Output Current
1.0
2.0
1.5
0.5
2.5
3.0
3.5
4.0
T
J = 25 °C
T
J = 125 °C
94353_07
100
1000
1
10
9.MT..K Series
Per junction
Total Output Current (A)
10
20
30
40
50
70
60
90
80
0
94353_08a
200
150
300
0
50
250
100
120°
(Rect.)
9.MT..K Series
T
J = 125 °C
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
125
0
0.2
K/W
0.3
K/W
0.4
K/W
0.5
K/W
0.7
K/W
1.0 K/W
1.5 K/W
200
150
300
0
50
250
100
94353_08b


Similar Part No. - 51MT100KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
51MT100KB IRF-51MT100KB Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
51MT100KBS90 IRF-51MT100KBS90 Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
More results

Similar Description - 51MT100KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com