Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150EBU04 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 150EBU04
Description  Ultrafast Soft Recovery Diode, 150 A FRED Pt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150EBU04 Datasheet(HTML) 6 Page - Vishay Siliconix

  150EBU04 Datasheet HTML 1Page - Vishay Siliconix 150EBU04 Datasheet HTML 2Page - Vishay Siliconix 150EBU04 Datasheet HTML 3Page - Vishay Siliconix 150EBU04 Datasheet HTML 4Page - Vishay Siliconix 150EBU04 Datasheet HTML 5Page - Vishay Siliconix 150EBU04 Datasheet HTML 6Page - Vishay Siliconix 150EBU04 Datasheet HTML 7Page - Vishay Siliconix 150EBU04 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VS-150EBU04
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-11
6
Document Number: 93003
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
Device code
2
-
Current rating (150 = 150 A)
1
-
Vishay Semiconductors product
3
-
Single diode
4
-
PowerTab® (ultrafast/hyperfast only)
5
-
Ultrafast recovery
6
-
Voltage rating (04 = 400 V)
6
2
1
4
3
5
150
VS-
E
B
U
04
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95240
Part marking information
www.vishay.com/doc?95370
Application note
www.vishay.com/doc?95179


Similar Part No. - 150EBU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
More results

Similar Description - 150EBU04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150EBU04 VISHAY-VS-150EBU04 Datasheet
133Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt
Revision: 16-Jun-11
150EBU02 VISHAY-150EBU02_11 Datasheet
134Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
VS-150EBU02 VISHAY-VS-150EBU02 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
VS-150EBU04HF4 VISHAY-VS-150EBU04HF4 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 16-Jun-15
VS-EBU15006-F4 VISHAY-VS-EBU15006-F4 Datasheet
143Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode, 150 A
Revision: 16-Jun-15
VS-150EBU02HF4 VISHAY-VS-150EBU02HF4 Datasheet
154Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 16-Jun-15
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
80EBU04 VISHAY-80EBU04_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
80EBU02 VISHAY-80EBU02_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com