Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180RKI40PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 180RKI40PBF
Description  Phase Control Thyristors (Stud Version), 180 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

180RKI40PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  180RKI40PBF_09 Datasheet HTML 1Page - Vishay Siliconix 180RKI40PBF_09 Datasheet HTML 2Page - Vishay Siliconix 180RKI40PBF_09 Datasheet HTML 3Page - Vishay Siliconix 180RKI40PBF_09 Datasheet HTML 4Page - Vishay Siliconix 180RKI40PBF_09 Datasheet HTML 5Page - Vishay Siliconix 180RKI40PBF_09 Datasheet HTML 6Page - Vishay Siliconix 180RKI40PBF_09 Datasheet HTML 7Page - Vishay Siliconix 180RKI40PBF_09 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94382
2
Revision: 03-Nov-09
180RKI...PbF, 181RKI...PbF Series
Vishay High Power Products
Phase Control Thyristors
(Stud Version), 180 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
180
A
80
°C
Maximum RMS on-state current
IRMS
DC at 79 °C case temperature
285
A
Maximum peak, one-cycle
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
intial TJ = TJ maximum
3800
t = 8.3 ms
4000
t = 10 ms
100 % VRRM
reapplied
3500
t = 8.3 ms
3660
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
72
kA2s
t = 8.3 ms
66
t = 10 ms
100 % VRRM
reapplied
61
t = 8.3 ms
56
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
720
kA2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ = TJ maximum
0.83
V
High level value of threshold voltage
VT(TO)2
(I >
π x IT(AV)), TJ = TJ maximum
0.89
Low level value of on-state slope resistance
rt1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ = TJ maximum
0.92
m
Ω
High level value of on-state slope resistance
rt2
(I >
π x IT(AV)), TJ = TJ maximum
0.81
Maximum on-state voltage
VTM
Ipk = 570 A, TJ = TJ maximum, tp = 10 ms sine pulse
1.35
V
Maximum holding current
IH
TJ = 25 °C, anode supply 12 V resistive load
600
mA
Typical latching current
IL
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of
rise of turned-on current
dI/dt
Gate drive 20 V, 20
Ω, tr ≤ 1 μs
TJ = TJ maximum, anode voltage
≤ 80 % VDRM
300
A/μs
Typical delay time
td
Gate current 1 A, dIg/dt = 1 A/μs
Vd = 0.67 % VDRM, TJ = 25 °C
1.0
μs
Typical turn-off time
tq
ITM = 50 A, TJ = TJ maximum, dI/dt = 10 A/μs,
VR = 100 V, dV/dt = 20 V/μs
100
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of
rise of off-state voltage
dV/dt
TJ = TJ maximum linear to 80 % rated VDRM
500
V/μs
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum rated VDRM/VRRM applied
30
mA


Similar Part No. - 180RKI40PBF_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
180RKI40PBF VISHAY-180RKI40PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
More results

Similar Description - 180RKI40PBF_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
180RKI40PBF VISHAY-180RKI40PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
180RKI40 VISHAY-180RKI40 Datasheet
187Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 05-Jun-08
VS-180RKIPBF VISHAY-VS-180RKIPBF Datasheet
181Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 26-Sep-17
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com