Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93MT80KPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 93MT80KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

93MT80KPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  93MT80KPBF Datasheet HTML 1Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 2Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 3Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 4Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 5Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 6Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 7Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 8Page - Vishay Siliconix 93MT80KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94353
4
Revision: 13-Aug-08
5.MT...KPbF, 9.MT...KPbF, 11.MT...KPbF Series
Vishay High Power Products Three Phase Controlled Bridge
(Power Modules), 55 A to 110 A
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristic
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
ΔR CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
5.MT...K
0.072
0.085
0.108
0.152
0.233
0.055
0.091
0.117
0.157
0.236
K/W
9.MT...K
0.033
0.039
0.051
0.069
0.099
0.027
0.044
0.055
0.071
0.100
11.MT...K
0.027
0.033
0.042
0.057
0.081
0.023
0.037
0.046
0.059
0.082
Total Output Current (A)
10
20
30
40
50
60
0
120°
(Rect.)
5.MT..K Series
100
120
130
80
94353_01
90
110
~
+
-
Instantaneous On-State Voltage (V)
2
1
3456
7
0
94353_02
T
J = 25 °C
5.MT..K Series
Per junction
T
J = 125 °C
100
1000
1
10
Total Output Current (A)
515
10
25
35
30
20
40
50
45
55
0
94353_03a
80
60
180
220
0
20
140
100
120
200
40
160
120°
(Rect.)
5.MT..K Series
T
J = 125 °C
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
125
0
0.3
K/W
0.4
K/W
0.5
K/W
0.7
K/W
1.0
K/W
1.5 K/W
80
60
180
220
0
20
140
100
120
200
40
160
94353_03b


Similar Part No. - 93MT80KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
93MT80KB IRF-93MT80KB Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
93MT80KBS90 IRF-93MT80KBS90 Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
More results

Similar Description - 93MT80KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com