Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1551 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB1551
Description  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1551 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1551 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1551 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1551
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -80V(Min)
·High DC Current Gain-
: hFE= 1000(Min)@ (VCE= -3V; IC= -5A)
APPLICATIONS
·Designed for power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-10
A
ICM
Collector Current-Pulse
-20
A
Collector Power Dissipation
@Ta=25℃
2
PC
Collector Power Dissipation
@TC=25℃
30
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150
isc Website:www.iscsemi.cn


Similar Part No. - 2SB1551

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1551 ROHM-2SB1551 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SB1551 SAVANTIC-2SB1551 Datasheet
119Kb / 3P
   Silicon PNP Power Transistors
2SB1551 SAVANTIC-2SB1551 Datasheet
120Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1551 NJSEMI-2SB1551 Datasheet
129Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1551

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com