Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R95-510A-130 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # R95-510A-130
Description  Pulse Burst Radar Level Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R95-510A-130 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  R95-510A-130 Datasheet HTML 1Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 2Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 3Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 4Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 5Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 6Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 7Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 8Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
58-601 Pulsar® Radar Transmitter
1.1.2 Configuration Information
Some key information is needed to configure the PULSAR
radar transmitter. Complete the following operating param-
eters table before beginning configuration.
NOTE: The transmitter will already be configured if this information was
provided with the order.
Display
Question
Answer
Units
What units of measurement will be
used?
_____________
Antenna
What type of antenna is being used?
Type
Select first 7 digits of Model number.
(See nameplate on side of antenna)
_____________
Antenna
What is maximum nozzle length that
Extension
the antenna can be used?
Select last 3 digits of Model number.
(See nameplate on side of antenna)
_____________
Antenna
Is the antenna mounting NPT, BSP,
Mount
or flanged?
_____________
Sensor
What is the distance from the top (100%)
Offset
of the tank and the Sensor Reference
point (bottom of NPT thread, top of BSP
thread, or face of flange?)
_____________
Tank Top
Is the Tank Top Flat, Horizontal Cylinder,
Dome, Irregular or other (non-metallic)?
_____________
Tank
What is the tank height?
_____________
Height
NOTE: Sensor Offset + Tank Height =
Distance from process
connection to tank bottom
Blocking
What is the distance from Sensor
Reference point to Maximum Level?
Maximum level should never be less
than 2" (50 mm) from bottom of antenna. _____________
Level
Is there a region at the very bottom of the
Offset
vessel that cannot be measured due to
heating coils, angle tank bottom, etc.?
_____________
Dielectric
What is the dielectric of the process
medium?
_____________
Turbulence Is turbulence a consideration?
_____________
Rate of
What is the maximum rate the level
Change
will rise or fall?
_____________
Foam
Will there be foam on the surface?
_____________
Set
What is the 0% reference point for the
4.0 mA
4.0 mA value?
_____________
Set
What is the 100% reference point for
20.0 mA
the 20.0 mA value?
_____________


Similar Part No. - R95-510A-130

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
More results

Similar Description - R95-510A-130

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
logo
TEMEX
DSH01 TEMEX-DSH01 Datasheet
1,001Kb / 8P
   Pulse compression RADAR RF pulse expander FMCW RADAR
logo
Magnetrol International...
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
logo
Schneider Electric
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
   Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
   Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com