Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1V5 Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

Part # K1V5
Description  Sidac
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

K1V5 Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

Back Button K1V5 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd K1V5 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Pulse On-State Current Rating
1
10
100
1000
1
10
100
K1V5
K1V6
IP
t0
1/f
Current Wave Form
Free in air
Sine Wave
Ta = 25
°C
0
diT/dt limit line
f = 1 ~ 120Hz
f = 1kHz
f = 5kHz
2
20
50
200
5
Pulse Base Width t0 [µs]


Similar Part No. - K1V5

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5 Datasheet
291Kb / 2P
   SIDAC
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1V5 SHINDENGEN-K1V5_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
More results

Similar Description - K1V5

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
   Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
   Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com