Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24CL64B Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM24CL64B
Description  64Kb Serial 3V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24CL64B Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM24CL64B Datasheet HTML 4Page - Ramtron International Corporation FM24CL64B Datasheet HTML 5Page - Ramtron International Corporation FM24CL64B Datasheet HTML 6Page - Ramtron International Corporation FM24CL64B Datasheet HTML 7Page - Ramtron International Corporation FM24CL64B Datasheet HTML 8Page - Ramtron International Corporation FM24CL64B Datasheet HTML 9Page - Ramtron International Corporation FM24CL64B Datasheet HTML 10Page - Ramtron International Corporation FM24CL64B Datasheet HTML 11Page - Ramtron International Corporation FM24CL64B Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FM24CL64B - 64Kb 3V I2C F-RAM (Automotive Temp.)
Rev. 1.1
June 2011
Page 11 of 12
Mechanical Drawing
8-pin SOIC (JEDEC Standard MS-012 variation AA)
Pin 1
3.90 ±0.10 6.00 ±0.20
4.90 ±0.10
0.10
0.25
1.35
1.75
0.33
0.51
1.27
0.10 mm
0.25
0.50
45
0.40
1.27
0.19
0.25
0 - 8
Recommended PCB Footprint
7.70
0.65
1.27
2.00
3.70
Refer to JEDEC MS-012 for complete dimensions and notes.
All dimensions in millimeters.
SOIC Package Marking Scheme
Legend:
XXXXX= part number, P=package type
R=rev code, LLLLLLL= lot code
RIC=Ramtron Int‟l Corp, YY=year, WW=work week
Example: FM24CL64B-GA, “Green” SOIC, Automotive Temperature,
Rev A, Lot L3502G1, Year 2011, Work Week 04
24CL64BGA
AL3502G1
RIC1104
XXXXXX-P
RLLLLLLL
RICYYWW


Similar Part No. - FM24CL64B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24CL64B-DG CYPRESS-FM24CL64B-DG Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24CL64B-DGTR CYPRESS-FM24CL64B-DGTR Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24CL64B-G CYPRESS-FM24CL64B-G Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24CL64B-GA CYPRESS-FM24CL64B-GA Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24CL64B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com