Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S33-1B2A-012 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # S33-1B2A-012
Description  External Chamber Sealed or Flanged Top
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

S33-1B2A-012 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

  S33-1B2A-012 Datasheet HTML 1Page - Magnetrol International, Inc. S33-1B2A-012 Datasheet HTML 2Page - Magnetrol International, Inc. S33-1B2A-012 Datasheet HTML 3Page - Magnetrol International, Inc. S33-1B2A-012 Datasheet HTML 4Page - Magnetrol International, Inc. S33-1B2A-012 Datasheet HTML 5Page - Magnetrol International, Inc. S33-1B2A-012 Datasheet HTML 6Page - Magnetrol International, Inc. S33-1B2A-012 Datasheet HTML 7Page - Magnetrol International, Inc. S33-1B2A-012 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
M O D E L N U M B E R C O N T I N U E D
1
Carbon Steel, measuring range in inches
”
4
316/316L Stainless Steel, measuring range in inches
MATERIALS OF CONSTRUCTION
•
A
150# ANSI class
B
300# ANSI class
C
600# ANSI class
D
900# ANSI class
E
1500# ANSI class
F
5000 psi (process flanges will be 2500# ANSI)
CHAMBER RATING
1
34"
2
1"
31
12"
4
2"
PROCESS CONNECTION SIZE
Side/Side Configurations
Head Flange Type
A
NPT
B
SW
Slip-on or weld neck
D
Slip-on RF Flange
E
Weldneck RF Flange
Chamber rating codes A, B & C only
Weld neck
F
Weldneck RJ Flange
Chamber rating codes C, D, E & F only
Side/Bottom Configurations
G
NPT
H
SW
Slip-on or weld neck
K
Slip-on RF Flange
L
Weldneck RF Flange
Chamber rating codes A, B & C only
Weld neck
M
Weldneck RJ Flange
Chamber rating codes C, D, E & F only
PROCESS CONNECTION TYPE AND CONFIGURATION
12 to 240 inches, fourth digit numeric
Example: 12 inches = 012
MEASURING RANGE
• Process connection materials will match chamber materials
Process flange, if applicable, will match chamber rating, except as indicated
Process connection materials will match chamber materials
See page 4 to determine type of head flange
Cannot use slip-on flanges on 2" or 3", 5000 psi for B31.3, nor on 2" or 3",
≥600# for B31.1
11
11
12
14
14
12
13
14
13
13


Similar Part No. - S33-1B2A-012

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S33 NKK-S33 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Yangzhou yangjie electr...
S33 YANGJIE-S33 Datasheet
99Kb / 2P
   Schottky Rectifier
logo
RFE international
S33 RFE-S33 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-11-2022
logo
Laird Tech Smart Techno...
S3307BPNF LSTD-S3307BPNF Datasheet
732Kb / 1P
   Weather proof UV stabile radome
logo
Vishay Siliconix
S330D VISHAY-S330D Datasheet
126Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.5, 11-Aug-04
More results

Similar Description - S33-1B2A-012

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
SR-3 FIGARO-SR-3 Datasheet
210Kb / 2P
   Bench Top Test Chamber
logo
T-Global Technology
TGVC TGLOBAL-TGVC Datasheet
684Kb / 1P
   Vapor Chamber
20220628
logo
LUMEX INC.
SSL-LX50FT19IGW LUMEX-SSL-LX50FT19IGW Datasheet
70Kb / 1P
   t-5 FLAT TOP FLANGED LED
logo
Magnetrol International...
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
logo
Integrated Device Techn...
8V41N010 IDT-8V41N010 Datasheet
697Kb / 26P
   Selectable external crystal or differential
8413S12 IDT-8413S12 Datasheet
739Kb / 33P
   Selectable external crystal or differential
logo
Magnetrol International...
B73-1B20-BKQ MAGNETROL-B73-1B20-BKQ Datasheet
509Kb / 28P
   Sealed External Cage Liquid Level Switches
logo
MKS Instruments.
TOOLWEBRGA MKS-TOOLWEBRGA Datasheet
281Kb / 4P
   AUTOMATED PROCESS & CHAMBER ENVIRONMENT MONITORING
logo
List of Unclassifed Man...
ANT-916-JJB-RA ETC2-ANT-916-JJB-RA Datasheet
196Kb / 1P
   Good for internal or external mounting
logo
Fuji Electric
EDS8-42H FUJI-EDS8-42H Datasheet
210Kb / 6P
   STOP VALVE & CONDENSATE CHAMBER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com