Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T20-1B2A-BKP Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # T20-1B2A-BKP
Description  Top Mounting T20 and T21 Liquid Level Sw
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T20-1B2A-BKP Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  T20-1B2A-BKP Datasheet HTML 1Page - Magnetrol International, Inc. T20-1B2A-BKP Datasheet HTML 2Page - Magnetrol International, Inc. T20-1B2A-BKP Datasheet HTML 3Page - Magnetrol International, Inc. T20-1B2A-BKP Datasheet HTML 4Page - Magnetrol International, Inc. T20-1B2A-BKP Datasheet HTML 5Page - Magnetrol International, Inc. T20-1B2A-BKP Datasheet HTML 6Page - Magnetrol International, Inc. T20-1B2A-BKP Datasheet HTML 7Page - Magnetrol International, Inc. T20-1B2A-BKP Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Œ All housings rotatable 360°.
 Pneumatic switches available with Series T20 units only.
1.81 (45) Ref
B
7.94*
(201)
A
Distance to
actuating level
(4" min)
Actuating
level
6.25*
(158)
Model T20 with flange
D I M E N S I O N A L S P E C I F I C A T I O N S
I N C H E S ( m m )
10.12
(257)
8.46
(214)
B
A
Distance
to lower
actuating
level
Distance to
upper actuating
level (4" min.)
Actuating
level
Actuating
level
1.81 (45) Ref.
8" min.
Model T21 with flange
NOTE: On Model T21 the lower float
actuates upper switch mecha-
nism. The upper float actuates
the lower switch mechanism.
Distance To
Maximum
Minimum
Upper level
40" (1016)
4" (102)
Lower level
48" (1219)
12" (305)
Housing
Œ
AB
Conduit Connections
TYPE 4X/7/9 Group B
5.93 (151)
3.87 (98)
1" NPT dual entry
NEMA 1
 Pneumatics 4.70 (119) 5.00 (127) 1
4
" NPT single entry
B
7.94*
(201)
A
2.44
(61)
1" NPT
Distance to
actuating level
(4" min.)
Actuating
level
6.25*
(158)
Model T20 with 1" NPT
* These dimensions increase by 2.19 (55)
when unit is supplied with an HS switch
with terminal block.
3
SERIES HS, H1, 8 & 9
HERMETICALLY SEALED SWITCHES
Ideal for use in salt and other
corrosive atmospheres
HS & H1 are positively pressur-
ized capsules for entire mecha-
nism and contacts
Process temperatures to
+1000° F (+538° C)
SERIES B, C, D & R DRY CONTACT
SWITCHES
Designed for AC and DC
current applications
Process temperatures to
+1000° F (+538° C)
S P E C I F I C A T I O N S
S W I T C H M E C H A N I S M S A N D E N C L O S U R E S
Voltage
Switch Series and Non-Inductive Ampere Rating
B
C
D
F
HS
H1
R
8
9
120 VAC
15.00
15.00
10.00
0.25
5.00
1.00
1.00
1.00
240 VAC
15.00
15.00
5.00
1.00
1.00
24 VDC
6.00
10.00
10.00
4.00
5.00
1.00
1.00
3.00
0.50
120 VDC
0.50
1.00
10.00
0.30
0.50
0.40
0.40
240 VDC
0.25
0.50
3.00
0.25
SWITCH ENCLOSURES
TYPE 4X/7/9 aluminum enclosures
Designed to meet Class I, Div. 1,
Groups C & D and Class I, Div. 1
Group B
Optional housing heaters and drains
available for some enclosures
Pneumatic switch mechanisms avail-
able with a NEMA 1 enclosure
SERIES J & K PNEUMATIC
SWITCHES
Suited for applications where
electrical power is
not available
Bleed and non-bleed designs
Process temperatures to +400° F
(+204° C)
BASIC ELECTRICAL RATINGS


Similar Part No. - T20-1B2A-BKP

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
More results

Similar Description - T20-1B2A-BKP

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
A10-1E2D-HM7 MAGNETROL-A10-1E2D-HM7 Datasheet
829Kb / 40P
   Liquid Level and Proof-er짰 Switches
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
List of Unclassifed Man...
00320 ETC1-00320 Datasheet
525Kb / 2P
   T21 Lumimaire
logo
TE Connectivity Ltd
KUHP TEC-KUHP Datasheet
317Kb / 3P
   Side flange and top flange mounting
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
Littelfuse
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
PC-XXX-LLC-CZ LITTELFUSE-PC-XXX-LLC-CZ Datasheet
265Kb / 2P
   Liquid level control
2019 Rev: 2-B-043019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com