Electronic Components Datasheet Search |
|
FM24VN05-G Datasheet(PDF) 8 Page - Ramtron International Corporation |
|
FM24VN05-G Datasheet(HTML) 8 Page - Ramtron International Corporation |
8 / 16 page FM24V05 - 512Kb I2C FRAM Rev. 2.0 May 2010 Page 8 of 16 Sleep Mode A low power mode called Sleep Mode is implemented on both FM24V05 and FM24VN05 devices. The device will enter this low power state when the Sleep command 86h is clocked-in. Sleep Mode entry can be entered as follows: 1. The master sends a START command. 2. The master sends Reserved Slave ID 0xF8 3. The master sends the I2C-bus slave address of the slave device it needs to identify. The last bit is a ‘Don’t care’ value (R/W bit). Only one device must acknowledge this byte (the one that has the I2C-bus slave address). 4. The master sends a Re-START command. 5. The master sends Reserved Slave ID 0x86 6. The FM24V05 sends an ACK. 7. The master sends STOP to ensure the device enters sleep mode. Once in sleep mode, the device draws IZZ current, but the device continues to monitor the I2C pins. Once the master sends a Slave Address that the FM24V05 identifies, it will “wakeup” and be ready for normal operation within tREC (400 µs max.). As an alternative method of determining when the device is ready, the master can send read or write commands and look for an ACK. While the device is waking up, it will NACK the master until it is ready. S A P By Master By FM24V05 Start Address Stop S A Rsvd Slave ID (F8) Slave Address A Start Address Acknowledge Rsvd Slave ID (86) X Figure 12. Sleep Mode Entry |
Similar Part No. - FM24VN05-G |
|
Similar Description - FM24VN05-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |