Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25H20 Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # FM25H20
Description  2Mb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25H20 Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM25H20 Datasheet HTML 6Page - Ramtron International Corporation FM25H20 Datasheet HTML 7Page - Ramtron International Corporation FM25H20 Datasheet HTML 8Page - Ramtron International Corporation FM25H20 Datasheet HTML 9Page - Ramtron International Corporation FM25H20 Datasheet HTML 10Page - Ramtron International Corporation FM25H20 Datasheet HTML 11Page - Ramtron International Corporation FM25H20 Datasheet HTML 12Page - Ramtron International Corporation FM25H20 Datasheet HTML 13Page - Ramtron International Corporation FM25H20 Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FM25H20 - 2Mb SPI FRAM
Rev. 2.2
Sept. 2010
Page 10 of 15
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any pin with respect to VSS
-1.0V to +4.5V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. D)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
2kV
1kV
200V
Package Moisture Sensitivity Level
MSL-1 (TDFN)
MSL-1 (EIAJ)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40
°C to + 85°C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.7
3.3
3.6
V
IDD
Power Supply Current
@
C = 1 MHz
@
C = 40 MHz
-
-
1.0
10.0
mA
mA
1
ISB
Standby Current
@ TA = 25°C
@ TA = 85°C
80
-
150
270
µA
µA
2
IZZ
Sleep Mode Current
@ TA = 25°C
@ TA = 85°C
3
-
5
8
µA
µA
3
ILI
Input Leakage Current
-
±1
µA
4
ILO
Output Leakage Current
-
±1
µA
4
VIL
Input Low Voltage
-0.4
0.3 VDD
V
VIH
Input High Voltage
0.7 VDD
VDD + 0.5
V
VOL
Output Low Voltage
@
IOL = 1.6 mA
-
0.4
V
VOH
Output High Voltage
@ IOH = -100
µA
VDD – 0.2
-
V
Notes
1. C toggling between VDD-0.2V and VSS, other inputs VSS or VDD-0.2V.
2. /S=VDD. All inputs VSS or VDD.
3. In Sleep mode and /S=VDD. All inputs VSS or VDD.
4. VSS ≤ VIN ≤ VDD and VSS ≤ VOUT ≤ VDD.


Similar Part No. - FM25H20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25H20-DG CYPRESS-FM25H20-DG Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25H20-DGTR CYPRESS-FM25H20-DGTR Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25H20-G CYPRESS-FM25H20-G Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25H20-GTR CYPRESS-FM25H20-GTR Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
More results

Similar Description - FM25H20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com