Electronic Components Datasheet Search |
|
FM25L16B Datasheet(PDF) 6 Page - Ramtron International Corporation |
|
FM25L16B Datasheet(HTML) 6 Page - Ramtron International Corporation |
6 / 14 page FM25L16B - 16Kb 3V SPI F-RAM Rev. 1.3 Mar. 2011 Page 6 of 14 RDSR - Read Status Register The RDSR command allows the bus master to verify the contents of the Status Register. Reading Status provides information about the current state of the write protection features. Following the RDSR op- code, the FM25L16B will return one byte with the contents of the Status Register. The Status Register is described in detail in a later section. WRSR – Write Status Register The WRSR command allows the user to select certain write protection features by writing a byte to the Status Register. Prior to issuing a WRSR command, the /WP pin must be high or inactive. Note that on the FM25L16B, /WP only prevents writing to the Status Register, not the memory array. Prior to sending the WRSR command, the user must send a WREN command to enable writes. Note that executing a WRSR command is a write operation and therefore clears the Write Enable Latch. The bus configuration of RDSR and WRSR are shown below. Figure 7. RDSR Bus Configuration Figure 8. WRSR Bus Configuration (WREN not shown) Status Register & Write Protection The write protection features of the FM25L16B are multi-tiered. First, a WREN op-code must be issued prior to any write operation. Assuming that writes are enabled using WREN, writes to memory are controlled by the Status Register. As described above, writes to the status register are performed using the WRSR command and subject to the /WP pin. The Status Register is organized as follows. Table 2. Status Register Bit 7 6 5 4 3 2 1 0 Name WPEN 0 0 0 BP1 BP0 WEL 0 Bits 0 and 4-6 are fixed at 0 and cannot be modified. Note that bit 0 (Ready in EEPROMs) is unnecessary as the F-RAM writes in real-time and is never busy. The WPEN, BP1 and BP0 control write protection features. They are nonvolatile (shaded yellow). The WEL flag indicates the state of the Write Enable Latch. Attempting to directly write the WEL bit in the status register has no effect on its state. This bit is internally set and cleared via the WREN and WRDI commands, respectively. BP1 and BP0 are memory block write protection bits. They specify portions of memory that are write protected as shown in the following table. Table 3. Block Memory Write Protection BP1 BP0 Protected Address Range 0 0 None 0 1 600h to 7FFh (upper ¼) 1 0 400h to 7FFh (upper ½) 1 1 000h to 7FFh (all) |
Similar Part No. - FM25L16B |
|
Similar Description - FM25L16B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |