Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

241NQ045R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 241NQ045R
Description  Schottky Rectifier, 240 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

241NQ045R Datasheet(HTML) 1 Page - Vishay Siliconix

  241NQ045R Datasheet HTML 1Page - Vishay Siliconix 241NQ045R Datasheet HTML 2Page - Vishay Siliconix 241NQ045R Datasheet HTML 3Page - Vishay Siliconix 241NQ045R Datasheet HTML 4Page - Vishay Siliconix 241NQ045R Datasheet HTML 5Page - Vishay Siliconix 241NQ045R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93111
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 18-Nov-09
1
Schottky Rectifier, 240 A
241NQ045R
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Unique high power, HALF-PAK module
• Replaces four parallel DO-5’s
• Easier to mount and lower profile than DO-5’s
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION
The 241NQ045R high current Schottky rectifier module has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 175 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
240 A
VR
45 V
HALF-PAK (D-67) Reverse
Lug terminal cathode
Base anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
240
A
VRRM
Range
45
V
IFSM
tp = 5 μs sine
25 000
A
VF
240 Apk, TJ = 125 °C
0.59
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
241NQ045R
UNITS
Maximum DC reverse voltage
VR
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 130 °C, rectangular waveform
240
A
Maximum peak one cycle non-repetitive
surge current
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
25 000
10 ms sine or 6 ms rect. pulse
3450
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 48 A, L = 0.28 mH
324
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
48
A


Similar Part No. - 241NQ045R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
241NQ045 MICROSEMI-241NQ045 Datasheet
138Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
241NQ045 IRF-241NQ045 Datasheet
102Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
241NQ045 MICROSEMI-241NQ045 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
241NQ045-1 SMC-241NQ045-1 Datasheet
220Kb / 4P
   SCHOTTKY RECTIFIER
241NQ045-1 SMC-241NQ045-1 Datasheet
220Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 241NQ045R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
242NQ030R VISHAY-242NQ030R Datasheet
111Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
249NQ150R VISHAY-249NQ150R Datasheet
107Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
245NQ015R VISHAY-245NQ015R Datasheet
117Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
240NQ045PBF VISHAY-240NQ045PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 06-May-08
249NQ150PBF VISHAY-249NQ150PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
241NQ045PBF VISHAY-241NQ045PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 240 A
Revision: 06-May-08
242NQ030PBF VISHAY-242NQ030PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
243NQ100PBF VISHAY-243NQ100PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
243NQ100R VISHAY-243NQ100R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
VS-243NQ100PBF VISHAY-VS-243NQ100PBF_V01 Datasheet
133Kb / 6P
   High Performance Schottky Rectifier, 240 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com