Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM28V020-TG Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM28V020-TG
Description  256Kbit Bytewide F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM28V020-TG Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM28V020-TG Datasheet HTML 1Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 2Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 3Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 4Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 5Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 6Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 7Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 8Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Pre-Production
This is a product in the pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change the
1850 Ramtron Drive, Colorado Springs, CO 80921
specifications. Ramtron will issue a Product Change Notice if any
(800) 545-FRAM, (719) 481-7000
specification changes are made.
http://www.ramtron.com
Rev. 2.1
June 2011
Page 1 of 14
FM28V020
256Kbit Bytewide F-RAM Memory
Features
256Kbit Ferroelectric Nonvolatile RAM
Organized as 32K x 8
10
14 Read/Write Cycles
NoDelay™ Writes
Page Mode Operation
Advanced High-Reliability Ferroelectric Process
Superior to Battery-backed SRAM Modules
No battery concerns
Monolithic reliability
True surface mount solution, no rework steps
Superior for moisture, shock, and vibration
Resistant to negative voltage undershoots
SRAM Replacement
JEDEC 32Kx8 SRAM pinout
70 ns Access Time, 140 ns Cycle Time
Low Power Operation
2.0V – 3.6V Power Supply
Standby Current 90 A (typ)
Active Current 7 mA (typ)
Industry Standard Configurations
Industrial Temperature -40 C to +85 C
28-pin “Green”/RoHS SOIC (-SG)
32-pin “Green”/RoHS TSOP (-TG)
General Description
The FM28V020 is a 32K x 8 nonvolatile memory that
reads
and
writes
like
a
standard
SRAM.
A
ferroelectric random access memory or F-RAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and virtually unlimited write
endurance make F-RAM superior to other types of
memory.
In-system operation of the FM28V020 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by
changing the address. The F-RAM memory is
nonvolatile due to its unique ferroelectric memory
process. These features make the FM28V020 ideal
for
nonvolatile
memory
applications
requiring
frequent or rapid writes in the form of an SRAM.
Device
specifications
are
guaranteed
over
the
industrial temperature range -40°C to +85°C.
Pin Configuration
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ4
DQ5
DQ6
DQ7
OE
A8
A13
WE
A9
A10
A11
VDD
A12
A7
A6
A5
A4
CE
DQ3
Ordering Information
FM28V020-SG
28-pin “Green”/RoHS SOIC
FM28V020-SGTR
28-pin “Green”/RoHS SOIC,
Tape & Reel
FM28V020-TG
32-pin “Green”/RoHS TSOP
FM28V020-TGTR
32-pin “Green”/RoHS TSOP,
Tape & Reel
TSOP-I
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
OE
A11
A9
A8
A13
WE
VDD
A14
A12
A7
A6
A5
A4
A3
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
NC


Similar Part No. - FM28V020-TG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020-TG CYPRESS-FM28V020-TG Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020-TGTR CYPRESS-FM28V020-TGTR Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
More results

Similar Description - FM28V020-TG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com