Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM28V100-TGTR Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM28V100-TGTR
Description  1Mbit Bytewide F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM28V100-TGTR Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM28V100-TGTR Datasheet HTML 1Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 2Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 3Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 4Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 5Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 6Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 7Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 8Page - Ramtron International Corporation FM28V100-TGTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FM28V100 - 128Kx8 FRAM
Rev. 1.2
May 2010
Page 3 of 13
Functional Truth Table 1
/CE1
CE2
/WE
A(16:3)
A(2:0)
Operation
H
X
X
L
X
X
X
X
X
X
Standby/Idle
L
H
H
H
V
V
V
V
Read
L
H
H
No Change
Change
Page Mode Read
L
H
H
Change
V
Random Read
L
H
L
L
V
V
V
V
/CE-Controlled Write 2
L
H
V
V
/WE-Controlled Write 2, 3
L
H
No Change
V
Page Mode Write 4
L
H
X
X
X
X
X
X
Starts Precharge
Notes:
1)
H=Logic High, L=Logic Low, V=Valid Address, X=Don’t Care.
2)
For write cycles, data-in is latched on the rising edge of /CE1 or /WE of the falling edge of CE2, whichever
comes first.
3)
/WE-controlled write cycle begins as a Read cycle and A(16:3) is latched then.
4)
Addresses A(2:0) must remain stable for at least 15 ns during page mode operation.


Similar Part No. - FM28V100-TGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V100-TGTR RAMTRON-FM28V100-TGTR Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100-TGTR CYPRESS-FM28V100-TGTR Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100-TGTR CYPRESS-FM28V100-TGTR Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
More results

Similar Description - FM28V100-TGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V102 CYPRESS-FM28V102 Datasheet
494Kb / 16P
   1Mbit (64Kx16)F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com