Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300S-7W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 300S-7W
Description  Printed Circuit Dip Solder Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300S-7W Datasheet(HTML) 2 Page - Vishay Siliconix

  300S-7W Datasheet HTML 1Page - Vishay Siliconix 300S-7W Datasheet HTML 2Page - Vishay Siliconix 300S-7W Datasheet HTML 3Page - Vishay Siliconix 300S-7W Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36023
2
Revision: 27-Mar-07
Series 300
Vishay Dale
Printed Circuit Dip Solder Connector
DIMENSIONS in inches (millimeters)
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
W
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
AA
BB
CC
S
R
P
N
M
L
K
J
H
F
E
D
C
B
A
H
F
E
D
C
B
A
"A"
1.150 + 0.015/- 0.000
[29.200 + 0.381/- 0.000]
1.450 + 0.015/- 0.000
[36.800 + 0.381/- 0.000]
(0.750)
([19.0])
0.36
[9.14]
7 CONTACTS
0.117
[2.97]
0.125 ± 0.003
[3.180 ± 0.076]
15 CONTACTS
19 CONTACTS
25 CONTACTS
2.150 + 0.015/- 0.000
[54.600 + 0.381/- 0.000]
2.450 + 0.015/- 0.000
[62.200 + 0.381/- 0.000]
[9.14]
0.36
(1.750)
([44.4])
[3.180 ± 0.076]
0.125 ± 0.003
[2.97]
0.117
0.36
[9.14]
0.117
[2.97]
0.125 ± 0.003
[3.180 ± 0.076]
2.650 + 0.015/- 0.000
[67.300 + 0.381/- 0.000]
2.950 + 0.015/- 0.000
[74.900 + 0.381/- 0.000]
[9.14]
0.36
[3.180 ± 0.076]
0.125 ± 0.003
[2.97]
0.117
(2.250)
([57.2])
3.400 + 0.015/- 0.000
[86.400 + 0.381/- 0.000]
3.700 + 0.015/- 0.000
[94.000 + 0.381/- 0.000]
(3.000)
([76.2])
3/32
[2.38]
0.453
[11.5]
0.200
[5.08]
[5.08]
0.200
0.125 ± 0.003
[3.180 ± 0.076]
(TYP.)
TYPICAL SIDE VIEW
0.010
GUIDE SOCKET
4-40 UNC 2A
(TYP.)
3/16 [4.76] HEX NUT
(TYP.)
0.06 [1.52]
(TYP.)
Ø 0.156 [3.96]
(2 PLCS.)
0.125
[3.18]
(TYP.)
0.125
[3.18]
0.375
[9.52]
MIN.
"B" ± 0.010 [± 0.254]
"C"
PANEL CUTOUT
1/32 [0.794] R.
(TYP.)
R.
(TYP.)
5/16 [7.94]
Ø 0.046 [1.17]
SOLDER CUP
#20 AWG
(TYP.)
300S
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
W
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
AA
BB
CC
S
R
P
N
M
L
K
J
H
F
E
D
C
B
A
H
F
E
D
C
B
A
1.150 + 0.015/- 0.000
[29.200 + 0.381/- 0.000]
1.450 + 0.015/- 0.000
[36.800 + 0.381/- 0.000]
(0.750)
([19.0])
0.36
[9.14]
7 CONTACTS
0.117
[2.97]
0.125 ± 0.003
[3.180 ± 0.076]
15 CONTACTS
19 CONTACTS
25 CONTACTS
2.150 + 0.015/- 0.000
[54.600 + 0.381/- 0.000]
2.450 + 0.015/- 0.000
[62.200 + 0.381/- 0.000]
[9.14]
0.36
(1.750)
([44.4])
[3.180 ± 0.076]
0.125 ± 0.003
[2.97]
0.117
0.36
[9.14]
0.117
[2.97]
0.125 ± 0.003
[3.180 ± 0.076]
2.650 + 0.015/- 0.000
[67.300 + 0.381/- 0.000]
2.950 + 0.015/- 0.000
[74.900 + 0.381/- 0.000]
[9.14]
0.36
[3.180 ± 0.076]
0.125 ± 0.003
[2.97]
0.117
(2.250)
([57.2])
3.400 + 0.015/- 0.000
[86.400 + 0.381/- 0.000]
3.700 + 0.015/- 0.000
[94.000 + 0.381/- 0.000]
(3.000)
([76.2])
3/32
[2.38]
0.453
[11.5]
7/32
[5.56]
1/8
[3.18]
0.200
[5.08]
[5.08]
0.200
0.125 ± 0.003
[3.180 ± 0.076]
(TYP.)
TYPICAL SIDE VIEW
0.010
GUIDE SOCKET
4-40 UNC 2A
(TYP.)
3/16 [4.76] HEX NUT
(TYP.)
0.06 [1.52]
(TYP.)
Ø 0.032 [0.813]
(TYP.)
Ø 0.156 [3.96]
(2 PLCS.)
0.125
[3.18]
(TYP.)
0.125
[3.18]
0.375
[9.52]
MIN.
"B" ± 0.010 [± 0.254]
"A"
"C"
PANEL CUTOUT
1/32 [0.794] R.
(TYP.)
R.
(TYP.)
300SE


Similar Part No. - 300S-7W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300S14-U ETC2-300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
300S14-U ETC2-300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
300SCFM ETC1-300SCFM Datasheet
138Kb / 6P
   20SCFM
logo
Systemsensor advanced i...
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
logo
ETAL Group
300SMD ETAL-300SMD Datasheet
727Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
More results

Similar Description - 300S-7W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SERIES300 VISHAY-SERIES300 Datasheet
145Kb / 4P
   Printed Circuit Dip Solder Connector
01-Jan-2022
300 VISHAY-300 Datasheet
146Kb / 4P
   Printed Circuit Dip Solder Connector
01-Jan-2022
303S-45 VISHAY-303S-45 Datasheet
150Kb / 3P
   Printed Circuit Dip Solder Connector
Revision: 21-Mar-07
315S-50 VISHAY-315S-50 Datasheet
103Kb / 3P
   Printed Circuit Dip Solder Connector
Revision: 21-Mar-07
logo
Yamaichi Electronics Co...
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
   Solder Dip Socket
logo
FCI connector
PHEC50P-S111LF FCI-CONNECTOR-PHEC50P-S111LF Datasheet
144Kb / 1P
   PRINTED CIRCUIT CONNECTOR
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
   MALE-DIP SOLDER
logo
Yamaichi Electronics Co...
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
DVIS024T-002-BS1 YAMAICHI-DVIS024T-002-BS1 Datasheet
95Kb / 2P
   DVI Receptacle Connector (90째 Solder Dip)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com