Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD2-7D00-072 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # TD2-7D00-072
Description  Thermal Dispersion Mass Flow Transmitter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD2-7D00-072 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button TD2-7D00-072 Datasheet HTML 3Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 4Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 5Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 6Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 7Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 8Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 9Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 10Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
7
54-631 Thermatel Model TA2 Transmitter
Pipe
centerline
1" (25 mm)
Figure 3
Probe Installation into Pipe or Duct
Using a Compression Fitting
Figure 4
2.3
Installation
2.3.1 Electronics
The instrument is rated for use in Class I, Division 1 and
Class I, Division 2 areas. The enclosure is also rated
NEMA 4X. Remote electronics (optional) should be
installed in an easy to access location within 500 feet
(150 meters) of the sensor. The electronics should not be
installed in areas where ambient temperature exceeds
+175° F (+80° C). If ambient temperature is between
-22° to -65° F (-30° to -54° C), the unit will operate but
the display will not be readable.
Provide watertight seals for all wiring entrances in the
enclosure to maintain the NEMA 4X rating. Use appropri-
ate NEC section when installing the instrument.
NOTE: A switch or circuit breaker should be installed in close prox-
imity to the equipment and within easy reach of the operator.
It should be marked as the disconnecting device for the
equipment.
2.3.2 Probe/Flow Body
Proper installation of the probe in the pipe or duct is
essential for accurate air or gas flow measurement. Normal
procedures for installing any type of flow element should
be followed. See Appendix for additional information on
probe location.
A flow arrow is etched on the sides of the probe to desig-
nate flow direction. The instrument is calibrated with the
flow in this direction. Ensure that the flow arrow is aligned
in the direction of flow. The instrument is unable to recog-
nize flow direction if inserted with the flow arrow in the
wrong direction.
It is generally recommended that the sensor be located in
the center of the pipe. This location provides less sensitivity
to changes in flow profile. Sensors mounted through com-
pression fittings have the ability to field adjust the sensor
to the desired location by using the dimensions as shown
in Figure 3.
It may be necessary to rotate the head of the instrument to
view the display while maintaining the proper flow orien-
tation. This is accomplished by loosening the set screw on
the bottom of the housing, rotating the enclosure to the
desired position and re-tightening the set screw. The second
set screw is a stop to prevent over rotating the enclosure.
See figure 4.


Similar Part No. - TD2-7D00-072

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
More results

Similar Description - TD2-7D00-072

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
   MEMS Mass Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com