Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM31T376 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM31T376
Description  System Supervisor & Temperature Compensated RTC(TCXO) with Embedded Crystal
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31T376 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM31T376 Datasheet HTML 3Page - Ramtron International Corporation FM31T376 Datasheet HTML 4Page - Ramtron International Corporation FM31T376 Datasheet HTML 5Page - Ramtron International Corporation FM31T376 Datasheet HTML 6Page - Ramtron International Corporation FM31T376 Datasheet HTML 7Page - Ramtron International Corporation FM31T376 Datasheet HTML 8Page - Ramtron International Corporation FM31T376 Datasheet HTML 9Page - Ramtron International Corporation FM31T376 Datasheet HTML 10Page - Ramtron International Corporation FM31T376 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
FM31T372/374/376/378-G
Rev. 1.1
Apr. 2011
Page 7 of 26
The serial number is located in registers 11h to 18h.
The lock bit is SNL, register 0Bh bit 7. Setting the
SNL bit to „1‟ disables writes to the serial number
registers, and the SNL bit cannot be cleared.
Real-Time Clock (TCXO) Operation
The real-time clock is a timekeeping function that
can be battery or capacitor backed for continuous
operation. The RTC is operated by a temperature
compensated crystal oscillator (TCXO) based on an
embedded 32.768 kHz crystal.
The RTC consists of an oscillator, clock divider, and
a register system for user access. It divides down the
32.768 kHz time-base and provides a minimum
resolution of seconds (1Hz). Static registers provide
the user with read/write access to the time values. It
includes registers for seconds,
minutes, hours,
day-of-the-week, date, months, and years. A block
diagram (Figure 8) illustrates the RTC function.
The
user
registers
are
synchronized
with
the
timekeeper core using R and W bits in register 00h
described below. Changing the R bit from „0‟ to „1‟
transfers timekeeping information from the core into
holding registers that can be read by the user. If a
timekeeper update is pending when R is set, then the
core will be updated prior to loading the user
registers. The registers are frozen and will not be
updated again until the R bit is cleared to „0‟. R is
used for reading the time.
Setting the W bit to „1‟ locks the user registers.
Clearing it to „0‟ causes the values in the user
registers to be loaded into the timekeeper core. W is
used for writing new time values. Users should be
certain not to load invalid values, such as FFh, to the
timekeeping registers. Updates to the timekeeping
core occur continuously except when locked.
Backup Power
The real-time clock/calendar is intended to be
permanently powered. When the primary system
power fails, the voltage on the VDD pin will drop.
When VDD is less 2.4V the RTC (and event counters)
will switch to the backup power supply on VBAK. The
clock operates at extremely low current in order to
maximize battery or capacitor life. However, an
advantage of combining a clock function with
F-RAM memory is that data is not lost regardless of
the backup power source.
The IBAK current varies with temperature and voltage
(see DC parametric table). The following graph
shows IBAK as a function of VBAK. These curves are
useful for calculating backup time when a capacitor
is used as the VBAK source.
Figure 8. IBAK vs. VBAK Voltage
The minimum VBAK voltage varies linearly with
temperature. The user can expect the minimum VBAK
voltage to be 1.23V at +85°C and 1.90V at -40°C.
The tested limit is 1.55V at +25°C. The minimum
VBAK voltage has been characterized at -40°C and
+85°C but is not 100% tested.
Figure 9. VBAK (min.) vs. Temperature
Trickle Charger
To facilitate capacitor backup, the VBAK pin can
optionally provide a trickle charge current. When the
VBC bit, register 0Bh bit 2, is set to „1‟ the VBAK pin
will source approximately 80µA until VBAK reaches
VDD or 3.75V whichever is less. In 3V systems, this
charges the capacitor to VDD without an external
diode and resistor charger. There is a Fast Charge
mode which is enabled by the FC bit (register 0Bh,
bit 5). In this mode the trickle charger current is set to
approximately 1 mA, allowing a large backup
capacitor to charge more quickly.
In the case where no battery is used, the VBAK pin
should be tied to VDD.
Although VBAK may be connected to VSS, this is not
recommended if the companion is used.
None of
the
companion
functions
will
operate
below
approximately 2.4V.


Similar Part No. - FM31T376

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31T378 RAMTRON-FM31T378 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
More results

Similar Description - FM31T376

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO)
5925A NDK-5925A Datasheet
78Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
   Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
   Temperature Compensated Crystal Oscillators (TCXO)
logo
NIHON DEMPA KOGYO
5921A NDK-5921A Datasheet
91Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
   Temperature Compensated Crystal Oscillator (TCXO)
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
   UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com