Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25040B-G Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25040B-G
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25040B-G Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25040B-G Datasheet HTML 4Page - Ramtron International Corporation FM25040B-G Datasheet HTML 5Page - Ramtron International Corporation FM25040B-G Datasheet HTML 6Page - Ramtron International Corporation FM25040B-G Datasheet HTML 7Page - Ramtron International Corporation FM25040B-G Datasheet HTML 8Page - Ramtron International Corporation FM25040B-G Datasheet HTML 9Page - Ramtron International Corporation FM25040B-G Datasheet HTML 10Page - Ramtron International Corporation FM25040B-G Datasheet HTML 11Page - Ramtron International Corporation FM25040B-G Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM25040B - 4Kb 5V SPI F-RAM
Rev. 1.2
Feb. 2011
Page 8 of
13
Figure 9. Memory Write
Figure 10. Memory Read
Endurance
Internally, a F-RAM operates with a read and restore
mechanism. Therefore, endurance cycles are applied
for each access: read or write. The F-RAM
architecture is based on an array of rows and
columns. Each access causes a cycle for an entire
row. In the FM25040B, a row is 64 bits wide. Every
8-byte boundary marks the beginning of a new row.
Endurance can be optimized by ensuring frequently
accessed data is located in different rows.
Regardless, F-RAM read and write endurance is
effectively unlimited at the 20MHz clock speed.
Even at 2000 accesses per second to the same row, 15
years time will elapse before 1012 endurance cycles
occur.
01
2
34567
0
1
2
3
4
5
01
2
34567
op-code
0
0
0
0
A
0
1
1
MSB
Byte Address
7
6
5
4
3
2
CS
SCK
SI
SO
1
6
0
7
LSB
MSB
LSB
Data Out
0
7
Hi-Z
7
6
5
4
3
21
0
LSB
01
2
3
4
56701
2
3
4
5
01234567
op-code
0
0
0
0
A
0
1
0
MSB
Byte Address
7
6
5
4
3
2
CS
SCK
SI
SO
1
6
0
7
LSB MSB
LSB
Data
7
6
5
4
3
21
0
0
7
Hi-Z


Similar Part No. - FM25040B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25040B-G CYPRESS-FM25040B-G Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM25040B-G CYPRESS-FM25040B-G Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM25040B-GTR CYPRESS-FM25040B-GTR Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM25040B-GTR CYPRESS-FM25040B-GTR Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25040B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com