Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600D157F030DE4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 600D157F030DE4
Description  Aluminum Capacitors Miniature, Axial Lead, High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

600D157F030DE4 Datasheet(HTML) 1 Page - Vishay Siliconix

  600D157F030DE4 Datasheet HTML 1Page - Vishay Siliconix 600D157F030DE4 Datasheet HTML 2Page - Vishay Siliconix 600D157F030DE4 Datasheet HTML 3Page - Vishay Siliconix 600D157F030DE4 Datasheet HTML 4Page - Vishay Siliconix 600D157F030DE4 Datasheet HTML 5Page - Vishay Siliconix 600D157F030DE4 Datasheet HTML 6Page - Vishay Siliconix 600D157F030DE4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 42047
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 31-Aug-11
1
Aluminum Capacitors
Miniature, Axial Lead, High Reliability
600D
Vishay Sprague
FEATURES
 Wide temperature range
 Foil tantalum replacement
 Unique Teflon end seal for long life
 High vibration capability
 Life test 2000 h at + 125 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.276" x 0.945" [7.0 x 24.0]
to 0.374" x 2.677" [9.5 x 68.0]
Operating temperature
- 55 °C to + 125 °C
Rated capacitance range, CR
2.2 µF to 2700 µF
Tolerance on CR
- 10 %, + 50 %
Rated voltage range, UR
5 WVDC to 250 WVDC
Termination
2 axial leads
Life validation test at 125 °C
2000 h:
 CAP  15 % from initial
measurement.
 ESR  1.3 x initial specified limit.
 DCL  initial specified limit.
Shelf life at 125 °C
500 h:
 CAP  10 % from
initial measurement.
 ESR  1.5 x initial specified limit.
 DCL 2 x the initial specified limit.
DC leakage current
0 WVDC to 75 WVDC
I = 0.15
I in µA, C in µF, V in Volts
100 WVDC to 250 WVDC
I = 0.15
Fig.1 Component outline
CV
CV
5
+
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT
TEMPERATURE
MULTIPLIERS
+ 125 °C
1.0
+ 85 °C
2.0
+ 75 °C or less
2.4
FREQUENCY (Hz)
WVDC
50 TO 60
100 TO 120 300 TO 400
> 1000
0 to 30
0.85
1.0
1.04
1.08
31 to 250
0.80
1.0
1.30
1.40
DIMENSIONS in inches [millimeters]
CASE
CODE
BARE CASE
WITH OUTER INSULATION
DIAMETER
LENGTH
DIAMETER
LENGTH
(max.)
KD
0.281 ± 0.016 [7.14 ± 0.40]
0.937 ± 0.031 [23.81 ± 0.79]
0.297 ± 0.031 [7.54 ± 0.79]
1.00 [25.40]
DD
0.375 ± 0.016 [9.53 ± 0.40]
0.937 ± 0.031 [23.81 ± 0.79]
0.391 ± 0.031 [9.92 ± 0.79]
1.00 [25.40]
DE
0.375 ± 0.016 [9.53 ± 0.40]
1.125 ± 0.031 [28.58 ± 0.79]
0.391 ± 0.031 [9.92 ± 0.79]
1.187 [30.16]
DG
0.375 ± 0.016 [9.53 ± 0.40]
1.375 ± 0.031 [34.93 ± 0.79]
0.391 ± 0.031 [9.92 ± 0.79]
1.437 [36.51]
DJ
0.375 ± 0.016 [9.53 ± 0.40]
1.625 ± 0.031 [41.28 ± 0.79]
0.391 ± 0.031 [9.92 ± 0.79]
1.687 [42.86]
DL
0.375 ± 0.016 [9.53 ± 0.40]
2.187 ± 0.031 [55.56 ± 0.79]
0.391 ± 0.031 [9.92 ± 0.79]
2.249 [57.12]
DX
0.375 ± 0.016 [9.53 ± 0.40]
2.687 ± 0.031 [68.26 ± 0.79]
0.391 ± 0.031 [9.92 ± 0.79]
2.749 [69.82]


Similar Part No. - 600D157F030DE4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
600DP1S1M1Q E-SWITCH-600DP1S1M1Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M1R E-SWITCH-600DP1S1M1R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2Q E-SWITCH-600DP1S1M2Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2R E-SWITCH-600DP1S1M2R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M3Q E-SWITCH-600DP1S1M3Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
More results

Similar Description - 600D157F030DE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
516D VISHAY-516D Datasheet
89Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 12-Apr-12
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
   Aluminum Capacitors 85 C, Miniature, Axial Lead
Revision: 16-Apr-13
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com